Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STMPE1600 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STMPE1600
Description  16-bit port expander with ultra-low power consumption Xpander Logic?
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE1600 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STMPE1600 Datasheet HTML 5Page - STMicroelectronics STMPE1600 Datasheet HTML 6Page - STMicroelectronics STMPE1600 Datasheet HTML 7Page - STMicroelectronics STMPE1600 Datasheet HTML 8Page - STMicroelectronics STMPE1600 Datasheet HTML 9Page - STMicroelectronics STMPE1600 Datasheet HTML 10Page - STMicroelectronics STMPE1600 Datasheet HTML 11Page - STMicroelectronics STMPE1600 Datasheet HTML 12Page - STMicroelectronics STMPE1600 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
STMPE1600
I2C features
Doc ID 16938 Rev 3
9/27
3
I2C features
The features that are supported by the I2C interface are as below:
–I2C slave device
–
Operates from 1.65 V to 3.6 V
–
Compliant to Philips I2C specification version 2.1
–
Supports standard (up to 100Kbps) and fast (up to 400Kbps) modes
–
7-bit and 10-bit device addressing modes with up to 8 slave device addresses
–
General call
–
Start/Restart/Stop
–
Address up to 8 STMPE1600 devices via I2C
Start condition
A Start condition is identified by a falling edge of SDA while SCL is stable at high state. A
Start condition must precede any data/command transfer. The device continuously monitors
for a Start condition and will not respond to any transaction unless one is encountered.
Stop condition
A Stop condition is identified by a rising edge of SDA while SCL is stable at high state. A
Stop condition terminates communication between the slave device and bus master. A read
command that is followed by NoAck can be followed by a Stop condition to force the slave
device into idle mode. When the slave device is in idle mode, it is ready to receive the next
I2C transaction. A Stop condition at the end of a write command stops the write operation to
registers.
Acknowledge bit
The acknowledge bit is used to indicate a successful byte transfer. The bus transmitter
releases the SDA after sending eight bits of data. During the ninth bit, the receiver pulls the
SDA low to acknowledge the receipt of the eight bits of data. The receiver may leave the
SDA in high state if it would to not acknowledge the receipt of the data.
Data input
The device samples the data input on SDA on the rising edge of the SCL. The SDA signal
must be stable during the rising edge of SCL and the SDA signal must change only when
SCL is driven low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com