Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

EL2126 Datasheet(PDF) 8 Page - Intersil Corporation

Part # EL2126
Description  Ultra-Low Noise, Low Power, Wideband Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2126 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button EL2126 Datasheet HTML 4Page - Intersil Corporation EL2126 Datasheet HTML 5Page - Intersil Corporation EL2126 Datasheet HTML 6Page - Intersil Corporation EL2126 Datasheet HTML 7Page - Intersil Corporation EL2126 Datasheet HTML 8Page - Intersil Corporation EL2126 Datasheet HTML 9Page - Intersil Corporation EL2126 Datasheet HTML 10Page - Intersil Corporation EL2126 Datasheet HTML 11Page - Intersil Corporation EL2126 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
8
Typical Performance Curves (Continued)
Peaking vs Vs
3.0
2.5
2.0
1.0
0.5
0
02468
10
14
16
±Supply Voltage (V)
12
1.5
Bandwidth vs Vs
160
140
100
80
40
20
0
02468
10
14
16
±VS (V)
12
60
120
1MHz Harmonic Distortion vs Output Swing
-40
-50
-60
-80
-90
-100
012345
78
VOUT (VP-P)
6
-70
1MHz Harmonic Distortion vs Output Swing
-30
-40
-60
-80
-90
-100
0
5
10
15
20
25
VOUT (VP-P)
-70
-50
VS=±5V
RG=20Ω
RL=500Ω
CL=5pF
AV=10
AV=-10
2nd HD
3rd HD
2nd HD
VS=±5V
RG=20Ω
RL=500Ω
CL=5pF
VS=±5V
VO=2VP-P
RF=180Ω
AV=10
RL=500Ω
AV=-10
AV=10
AV=-20
AV=-20
AV=50
AV=-50
VS=±5V
VO=2VP-P
RF=180Ω
AV=10
RL=500Ω
3rd HD
Large Signal Step Response
0.5V/div
10ns/div
Small Signal Step Response
20mV/div
10ns/div
VS=±5V
VO=100mV
RF=180Ω
RG=20Ω
VS=±5V
VO=2VPP
RF=180Ω
RG=20Ω
EL2126



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com