Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

KBPC35005 Datasheet(PDF) 2 Page - HY ELECTRONIC CORP.

Part # KBPC35005
Description  SILICON BRIDGE RECTIFIERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

KBPC35005 Datasheet(HTML) 2 Page - HY ELECTRONIC CORP.

  KBPC35005 Datasheet HTML 1Page - HY ELECTRONIC CORP. KBPC35005 Datasheet HTML 2Page - HY ELECTRONIC CORP. KBPC35005 Datasheet HTML 3Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RATING AND CHARACTERISTIC CURVES
The cruve graph is for reference only, can't be the basis for judgment(曲线图仅供参考)!
Rev. 7, 16-Mar-2017
KBPC10/15/25/35/50A SERIES
TJ=25℃
PERCENT OF RATED PEAK REVERSE VOLTAGE
FIG.4-TYPICAL REVERSE
CHARACTERISTICS
10
1.0
0.1
0.01
0
120
20
40
60
80
100
140
CASE TEMPERATURE,°C
FIG.2- DERATING CURVE
OUTPUT RECTIFIED CURRENT
150
20
100
0
10
30
40
50
50
KBPC10
KBPC15
KBPC25
KBPC50
KBPC35
INSTANTANEOUS FORWARD VOLTAGE,VOLTS
FIG.3-TYPICAL FORWARD
CHARACTERISTICS
0.6
0.8
1.0
1.2
1.4
0.4
100
10
1.0
0.1
0.01
1.6
KBPC10
KBPC2
KBPC15
KBPC35/50
FIG.1-MAXIMUM FORWARD SURGE CURRENT
NUMBER OF CYCLETS AT 60Hz
1
10
100
0
400
200
100
300
600
500
KBPC50
KBPC25/35
KBPC15
KBPC10
0.6
0.8
1.0
1.2
1.4
0.4
100
10
1.0
0.1
0.01
1.6
KBPC10
KBPC2
KBPC15
KBPC35/50



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com