Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L5973AD Datasheet(PDF) 5 Page - STMicroelectronics

Part # L5973AD
Description  2A SWITCH STEP DOWN SWITCHING REGULATOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5973AD Datasheet(HTML) 5 Page - STMicroelectronics

  L5973AD Datasheet HTML 1Page - STMicroelectronics L5973AD Datasheet HTML 2Page - STMicroelectronics L5973AD Datasheet HTML 3Page - STMicroelectronics L5973AD Datasheet HTML 4Page - STMicroelectronics L5973AD Datasheet HTML 5Page - STMicroelectronics L5973AD Datasheet HTML 6Page - STMicroelectronics L5973AD Datasheet HTML 7Page - STMicroelectronics L5973AD Datasheet HTML 8Page - STMicroelectronics L5973AD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5/14
L5973AD
3.2 VOLTAGES MONITOR
An internal block senses continuously the Vcc, Vref and Vbg. If the voltages go higher than their thresholds, the
regulator starts to work. There is also an hysteresis on the VCC (UVLO).
Figure 5. Internal Regulator Circuit
3.3 OSCILLATOR & SYNCHRONIZATOR
Figure 6 shows the block diagram of the oscillator circuit.
The Clock Generator provides the switching frequency of the device that is internally fixed at 500KHz. The frequency
shifter block acts reducing the switching frequency in case of strong overcurrent or short circuit. The clock signal is
then used in the internal logic circuitry and is the input of the Ramp Generator and Synchronizator blocks.
The Ramp Generator circuit provides the sawtooth signal, used to realize the PWM control and the internal volt-
age feed forward, while the Synchronizator circuit generates the synchronization signal. Infact the device has a
synchronization pin that can works both as Master and Slave.
As Master to synchronize external devices to the internal switching frequency.
As Slave to synchronize itself by external signal.
In particular, connecting together two devices, the one with the lower switching frequency works as Slave and
the other one works as Master.
To synchronize the device, the SYNC pin has to pass from a low level to a level higher than the synchronization
threshold with a duty cycle that can vary approximately from 10% to 90%, depending also on the signal frequen-
cy and amplitude.
The frequency of the synchronization signal must be at least higher than the internal switching frequency of the
device (500KHz).
STARTER
IC BIAS
PREREGULATOR
BANDGAP
VREG
VREF
D00IN1126
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com