Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LDR1833 Datasheet(PDF) 2 Page - STMicroelectronics

Part # LDR1833
Description  VERY LOW DROP DUAL VOLTAGE REGULATOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDR1833 Datasheet(HTML) 2 Page - STMicroelectronics

  LDR1833 Datasheet HTML 1Page - STMicroelectronics LDR1833 Datasheet HTML 2Page - STMicroelectronics LDR1833 Datasheet HTML 3Page - STMicroelectronics LDR1833 Datasheet HTML 4Page - STMicroelectronics LDR1833 Datasheet HTML 5Page - STMicroelectronics LDR1833 Datasheet HTML 6Page - STMicroelectronics LDR1833 Datasheet HTML 7Page - STMicroelectronics LDR1833 Datasheet HTML 8Page - STMicroelectronics LDR1833 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
LDRxxyy
2/13
Table 1: Absolute Maximum Ratings
Absolute Maximum Rating are those values beyond which damage to the device may occur. Functional operation under these conditions is
not implied.
Table 2: Thermal Data
Figure 2: Connection Diagram (top view)
Table 3: Pin Description
Table 4: Order Codes
Symbol
Parameter
Value
Unit
VI1 & VI2
DC Input Voltage
-0.3 to 15
V
INH
Shutdown Voltage
-0.3 to 15
V
IO
Output Current
Internally Limited
PTOT
Power Dissipation
Internally Limited
TSTG
Storage Temperature Range
-50 to +150
°C
TA
Operating Ambient Temperature Range
-40 to +125
°C
Symbol
Parameter
PPAK
SPAK-7L
Unit
RTHJ-C
Junction to case thermal resistance
82
°C/W
Symbol
Pin N° for
PPAK
Pin N° for
SPAK-7L
Name and Function
GND
3
4
Ground pin
VI1
2
2
Input 1 Supply Pin. Bypass with a 2.2µF capacitor to GND
VI2
1
1
Input 2 Supply Pin. Bypass with a 2.2µF capacitor to GND
VINH1
3
Enable 1 Pin. Internally connected to VI1 in the PPAK version
VINH2
5
Enable 2 Pin. Internally connected to VI2 in the PPAK version
VO1
4
6
Output 1 Pin. Bypass with a 4.7µF capacitor to GND Port
VO2
5
7
Output 2 Pin. Bypass with a 4.7µF capacitor to GND Port
N.C.
Not Internally Connected
VO1
VO2
TYPE
PART NUMBERS
SPAK-7L
PPAK
1.8 V
2.5 V
LDR1825
LDR1825K7-R
LDR1825PT-R
1.8 V
3.3 V
LDR1833
LDR1833K7-R
LDR1833PT-R
2.5 V
1.8 V
LDR2518
LDR2518K7-R
LDR2518PT-R
2.5 V
3.3 V
LDR2533
LDR2533K7-R
LDR2533PT-R
3.3 V
1.8 V
LDR3318
LDR3318K7-R
LDR3318PT-R
3.3 V
2.5 V
LDR3325
LDR3325K7-R
LDR3325PT-R
SPAK-7L
PPAK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com