Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TS9511 Datasheet(PDF) 10 Page - STMicroelectronics

Part # TS9511
Description  Precision rail-to-rail input/output 3 MHz single operational amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS9511 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TS9511 Datasheet HTML 3Page - STMicroelectronics TS9511 Datasheet HTML 4Page - STMicroelectronics TS9511 Datasheet HTML 5Page - STMicroelectronics TS9511 Datasheet HTML 6Page - STMicroelectronics TS9511 Datasheet HTML 7Page - STMicroelectronics TS9511 Datasheet HTML 8Page - STMicroelectronics TS9511 Datasheet HTML 9Page - STMicroelectronics TS9511 Datasheet HTML 10Page - STMicroelectronics TS9511 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Ordering information
TS9511
10/11
DocID15707 Rev 6
4
Ordering information
5
Revision history
Table 6.
Order codes
Order code
Temperature
range
Package
Packing
Marking
TS9511ILT
-40 °C to +125 °C
SOT23-5L
Tape and reel
K1A1
TS9511RILT
K1A3
TS9511IYLT(1)
SOT23-5L
(automotive grade)
K1A2
TS9511RIYLT(1)
K1A4
1. Qualified and characterized according to AEC Q100 and Q003 or equivalent, advanced screening according to AEC Q001
and Q 002 or equivalent.
Table 7.
Document revision history
Date
Revision
Changes
25-Jun-2009
1
Initial release.
17-Dec-2009
2
Modified CMR, SVR, Avd, VOH, VOL, ISC and ICC values in Table 3 and
Table 4.
19-Sep-2012
3
Updated title of Figure 8 and Figure 9 (added conditions).
Updated TS9511IYLT order code (qualified status) in Table 6.
Minor corrections throughout document.
23-Nov-2012
4
Updated Table 5
Updated markings of Table 6
17-Jul-2013
5
Added two new order codes: TS9511RILT and TS9511RIYLT with
associated new pinout configuration.
Table 6: added footnote 1.
25-Jul-2013
6
Updated pinout numbers in cover page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com