Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SW4N40DC Datasheet(PDF) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

Part # SW4N40DC
Description  N-channel Enhanced mode TO-251S/TO-252 MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIPOWER [Xian Semipower Electronic Technology Co., Ltd.]
Direct Link  http://www.samwinsemi.com
Logo SEMIPOWER - Xian Semipower Electronic Technology Co., Ltd.

SW4N40DC Datasheet(HTML) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

  SW4N40DC Datasheet HTML 1Page - Xian Semipower Electronic Technology Co., Ltd. SW4N40DC Datasheet HTML 2Page - Xian Semipower Electronic Technology Co., Ltd. SW4N40DC Datasheet HTML 3Page - Xian Semipower Electronic Technology Co., Ltd. SW4N40DC Datasheet HTML 4Page - Xian Semipower Electronic Technology Co., Ltd. SW4N40DC Datasheet HTML 5Page - Xian Semipower Electronic Technology Co., Ltd. SW4N40DC Datasheet HTML 6Page - Xian Semipower Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Copyright@ SEMIPOWER Electronic Technology Co., Ltd. All rights reserved.
SW4N40DC
Nov. 2015. Rev. 2.0
1/6
N-channel Enhanced mode TO-251S/TO-252 MOSFET
Absolute maximum ratings
Symbol
Parameter
Value
Unit
TO-251S
TO-252
V
DSS
Drain to source voltage
400
V
I
D
Continuous drain current (@T
C=25
oC)
4*
A
Continuous drain current (@T
C=100
oC)
2.5*
A
I
DM
Drain current pulsed
(note 1)
16
A
V
GS
Gate to source voltage
±30
V
E
AS
Single pulsed avalanche energy
(note 2)
142
mJ
E
AR
Repetitive avalanche energy
(note 1)
20
mJ
dv/dt
Peak diode recovery dv/dt
(note 3)
5
V/ns
P
D
Total power dissipation (@T
C=25
oC)
104
83.3
W
Derating factor above 25oC
0.8
0.7
W/oC
T
STG, TJ
Operating junction temperature & storage temperature
-55 ~ + 150
oC
T
L
Maximum lead temperature for soldering
purpose, 1/8 from case for 5 seconds.
300
oC
Thermal characteristics
Symbol
Parameter
Value
Unit
TO-251S
TO-252
R
thjc
Thermal resistance, Junction to case
1.2
1.5
oC/W
R
thja
Thermal resistance, Junction to ambient
92
85
oC/W
*. Drain current is limited by junction temperature.
BV
DSS : 400V
I
D
: 4A
R
DS(ON) : 1.4Ω
1. Gate 2. Drain 3. Source
TO-251S
1
2
3
Order Codes
Item
Sales Type
Marking
Package
Packaging
1
SWSI 4N40DC
SW4N40DC
TO-251S
TUBE
2
SWD 4N40DC
SW4N40DC
TO-252
REEL
1
2
3
Features
 High ruggedness
 Low R
DS(ON) (Typ 1.4Ω)@VGS=10V
 Low Gate Charge (Typ 11.7nC)
 Improved dv/dt Capability
 100% Avalanche Tested
 Application:LED, DC-DC
General Description
This power MOSFET is produced with advanced technology of SAMWIN.
This technology enable the power MOSFET to have better characteristics, including fast
switching time, low on resistance, low gate charge and especially excellent avalanche
characteristics.
TO-252
1
2
3


Similar Part No. - SW4N40DC

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SW4N40D SEMIPOWER-SW4N40D Datasheet
671Kb / 6P
N-channel Enhanced mode SOT-223 MOSFET
More results

Similar Description - SW4N40DC

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SW2N40DC SEMIPOWER-SW2N40DC Datasheet
613Kb / 6P
N-channel Enhanced mode TO-251S/TO-252 MOSFET
SW4N60DA SEMIPOWER-SW4N60DA Datasheet
877Kb / 7P
N-channel Enhanced mode TO-252/TO-220F/TO-251S MOSFET
SW5N65K SEMIPOWER-SW5N65K Datasheet
836Kb / 6P
N-channel Enhanced mode TO-252 MOSFET
SW20N20D SEMIPOWER-SW20N20D Datasheet
639Kb / 6P
N-channel Enhanced mode TO-252 MOSFET
SW50N06V2 SEMIPOWER-SW50N06V2 Datasheet
593Kb / 6P
N-channel Enhanced mode TO-252 MOSFET
SW7N60K2F SEMIPOWER-SW7N60K2F Datasheet
647Kb / 6P
N-channel Enhanced mode TO-252 MOSFET
SW9N10V SEMIPOWER-SW9N10V Datasheet
839Kb / 6P
N-channel Enhanced mode TO-252 MOSFET
SW9N10V1 SEMIPOWER-SW9N10V1 Datasheet
558Kb / 5P
N-channel Enhanced mode TO-252 MOSFET
SW80N04V SEMIPOWER-SW80N04V Datasheet
804Kb / 6P
N-channel Enhanced mode TO-251/TO-252 MOSFET
SW065R68E7T SEMIPOWER-SW065R68E7T Datasheet
689Kb / 6P
N-channel Enhanced mode TO-252 MOSFET
Aug. 2019
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com