Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AIH Datasheet(PDF) 2 Page - Artesyn Technologies

Part # AIH
Description  Positive and Negative enable function
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

AIH Datasheet(HTML) 2 Page - Artesyn Technologies

  AIH Datasheet HTML 1Page - Artesyn Technologies AIH Datasheet HTML 2Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
AIH Series Data Sheet
For more information: www.artesyn.com/power
For support: productsupport.ep@artesyn.com
www.artesyn.com
WORLDWIDE OFFICES
Americas
2900 S.Diablo Way
Tempe, AZ 85282
USA
+1 888 412 7832
Europe (UK)
Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX
United Kingdom
+44 (0) 1384 842 211
Asia (HK)
14/F, Lu Plaza
2 Wing Yip Street
Kwun Tong, Kowloon
Hong Kong
+852 2176 3333
Artesyn Embedded Technologies, Artesyn and the Artesyn Embedded Technologies logo are
trademarks and service marks of Artesyn Embedded Technologies, Inc. All other names and logos
referred to are trade names, trademarks, or registered trademarks of their respective owners.
Specifications are subject to change without notice. © 2017 Artesyn Embedded Technologies, Inc.
All rights reserved. For full legal terms and conditions, please visit www.artesyn.com/legal. © 2017
Artesyn Embedded Technologies, Inc.
Environmental Specifications
Operating temperature
-20 °C to +100 °C (case temperature)
Startup temperature
-40 °C to +100 °C (case temperature)
Storage temperature
-40 °C to +100 °C
Overtemperature protection
120 °C max
MTBF
1M hours (Demonstrated)
Ordering Information
Input Voltage
Output Voltage
Efficiency
Model Number
300 V
1.8 V @ 50 A
80% (Typ)
AIH50Y300
300 V
3.3 V @ 50 A
82% (Typ)
AIH50F300
300 V
5.0 V @ 40 A
88% (Typ)
AIH40A300
300 V
12 V @ 20.8 A
86% (Typ)
AIH20B300
300 V
15 V @ 16.6 A
90% (Typ)
AIH16C300
300 V
24 V @ 10.4 A
90% (Typ)
AIH10H300
1. For Negative enable add suffix “N”.
2. Fon Non-thread hole, add suffix “-NT”.
3. Fon RoHS 6, add suffix “-L”. Default is RoHS 5.
Pin Assignments
Input
Output
Control Pins
31. Positive
22. Positive
1. +Sense
32. Negative
23. Positive
2. Temp Mon
24. Positive
3. C Mon
27. Negative
4. C Share
28. Negative
5. SDA
29. Negative
6. SCL
7. CLK IN
8. V Adj
9. Enable
10. -Sense
Mechanical Drawings
AIH Series-DS 08May2017



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com