Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AYA Datasheet(PDF) 2 Page - Artesyn Technologies

Part # AYA
Description  Three year product warranty
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

AYA Datasheet(HTML) 2 Page - Artesyn Technologies

  AYA Datasheet HTML 1Page - Artesyn Technologies AYA Datasheet HTML 2Page - Artesyn Technologies AYA Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
AYA 3W Series Data Sheet
Ordering Information
Part Number
Input Voltage
Output Voltage
Output Current
Efficiency
Power
AYA01F05-L
4.5 - 10 Vdc
3.3 V
0.6 A
79%
2 W
AYA01A05-L
4.5 - 10 Vdc
5 V
0.6 A
81%
3 W
AYA01B05-L
4.5 - 10 Vdc
12 V
0.25 A
85%
3 W
AYA01C05-L
4.5 - 10 Vdc
15 V
0.2 A
85%
3 W
AYA01AA05-L
4.5 - 10 Vdc
±5 V
±0.3 A
82%
3 W
AYA01BB05-L
4.5 - 10 Vdc
±12 V
±0.125 A
84%
3 W
AYA01CC05-L
4.5 - 10 Vdc
±15 V
±0.1 A
85%
3 W
AYA01F12-L
9 - 18 Vdc
3.3 V
0.6 A
80%
2 W
AYA01A12-L
9 - 18 Vdc
5 V
0.6 A
83%
3 W
AYA01B12-L
9 - 18 Vdc
12 V
0.25 A
87%
3 W
AYA01C12-L
9 - 18 Vdc
15 V
0.2 A
87%
3 W
AYA01AA12-L
9 - 18 Vdc
±5 V
±0.3 A
84%
3 W
AYA01BB12-L
9 - 18 Vdc
±12 V
±0.125 A
86%
3 W
AYA01CC12-L
9 - 18 Vdc
±15 V
±0.1 A
87%
3 W
AYA01F24-L
18 - 36 Vdc
3.3 V
0.6 A
80%
2 W
AYA01A24-L
18 - 36 Vdc
5 V
0.6 A
83%
3 W
AYA01B24-L
18 - 36 Vdc
12 V
0.25 A
87%
3 W
AYA01C24-L
18 - 36 Vdc
15 V
0.2 A
87%
3 W
AYA01AA24-L
18 - 36 Vdc
±5 V
±0.3 A
84%
3 W
AYA01BB24-L
18 - 36 Vdc
±12 V
±0.125 A
86%
3 W
AYA01CC24-L
18 - 36 Vdc
±15 V
±0.1 A
87%
3 W
AYA01F48-L
36 - 75 Vdc
3.3 V
0.6 A
79%
2 W
AYA01A48-L
36 - 75 Vdc
5 V
0.6 A
82%
3 W
AYA01B48-L
36 - 75 Vdc
12 V
0.25 A
86%
3 W
AYA01C48-L
36 - 75 Vdc
15 V
0.2 A
86%
3 W
AYA01AA48-L
36 - 75 Vdc
±5 V
±0.3 A
82%
3 W
AYA01BB48-L
36 - 75 Vdc
±12 V
±0.125 A
85%
3 W
AYA01CC48-L
36 - 75 Vdc
±15 V
±0.1 A
85%
3 W



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com