Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SW50N06V Datasheet(PDF) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

Part # SW50N06V
Description  N-channel Enhancement mode TO-220/TO-252 MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIPOWER [Xian Semipower Electronic Technology Co., Ltd.]
Direct Link  http://www.samwinsemi.com
Logo SEMIPOWER - Xian Semipower Electronic Technology Co., Ltd.

SW50N06V Datasheet(HTML) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

  SW50N06V Datasheet HTML 1Page - Xian Semipower Electronic Technology Co., Ltd. SW50N06V Datasheet HTML 2Page - Xian Semipower Electronic Technology Co., Ltd. SW50N06V Datasheet HTML 3Page - Xian Semipower Electronic Technology Co., Ltd. SW50N06V Datasheet HTML 4Page - Xian Semipower Electronic Technology Co., Ltd. SW50N06V Datasheet HTML 5Page - Xian Semipower Electronic Technology Co., Ltd. SW50N06V Datasheet HTML 6Page - Xian Semipower Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Copyright@ SEMIPOWER Electronic Technology Co., Ltd. All rights reserved.
Oct. 2015. Rev. 3.0
1/6
N-channel Enhancement mode TO-220/TO-252 MOSFET
Absolute maximum ratings
Symbol
Parameter
Value
Unit
TO-220
TO-252
VDSS
Drain to Source Voltage
60
V
ID
Continuous Drain Current (@TC=25oC)
50*
A
Continuous Drain Current (@TC=100oC)
31.5*
A
IDM
Drain current pulsed
(note 1)
200
A
VGS
Gate to Source Voltage
±20
V
EAS
Single pulsed Avalanche Energy
(note 2)
200
mJ
EAR
Repetitive Avalanche Energy
(note 1)
28
mJ
dv/dt
Peak diode Recovery dv/dt
(note 3)
5
V/ns
PD
Total power dissipation (@TC=25oC)
74
57
W
Derating Factor above 25oC
0.6
0.5
W/oC
TSTG, TJ
Operating Junction Temperature & Storage Temperature
-55 ~ + 150
oC
TL
Maximum Lead Temperature for soldering
purpose, 1/8 from Case for 5 seconds.
300
oC
Thermal characteristics
Symbol
Parameter
Value
Unit
TO-220
TO-252
Rthjc
Thermal resistance, Junction to case
1.7
2.2
oC/W
Rthcs
Thermal resistance, Case to Sink
0.5
oC/W
Rthja
Thermal resistance, Junction to ambient
50
70.4
oC/W
*. Drain current is limited by junction temperature.
BV
DSS : 60V
I
D
: 50A
R
DS(ON)
: 10mΩ
1. Gate 2. Drain 3. Source
TO-220
TO-252
SW50N06V
1
2
3
Order Codes
Item
Sales Type
Marking
Package
Packaging
1
SW P 50N06V
SW50N06V
TO-220
TUBE
2
SW D 50N06V
SW50N06V
TO-252
TUBE
1
2
3
1
2
3
Features
 High ruggedness
 R
DS(ON) (Typ 10mΩ)@VGS=10V
 Gate Charge (Typ 43nC)
 Improved dv/dt Capability
 100% Avalanche Tested
 Application: DC-DC, Motor control
General Description
This power MOSFET is produced with advanced technology of SAMWIN.
This technology enable power MOSFET to have better characteristics, such as fast
switching time, low on resistance, low gate charge and especially excellent avalanche
characteristics.


Similar Part No. - SW50N06V

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SW50N06V2 SEMIPOWER-SW50N06V2 Datasheet
593Kb / 6P
N-channel Enhanced mode TO-252 MOSFET
More results

Similar Description - SW50N06V

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SW10N50K SEMIPOWER-SW10N50K Datasheet
1Mb / 7P
N-channel Enhanced mode TO-220F/TO-220/TO-247/TO-251N/TO-252 MOSFET
SW069R10VS SEMIPOWER-SW069R10VS Datasheet
714Kb / 7P
N-channel Enhanced mode DFN5*6/TO-251/TO-252/TO-220 MOSFET
SW4N70K SEMIPOWER-SW4N70K Datasheet
744Kb / 6P
N-channel Enhancement mode TO-220F/TO-251/TO-252 MOSFET
SW540 SEMIPOWER-SW540 Datasheet
744Kb / 6P
N-channel Enhanced mode TO-252/TO-220 MOSFET
SW7N65D SEMIPOWER-SW7N65D Datasheet
724Kb / 7P
N-channel Enhanced mode TO-220/TO-251/TO-251N/TO-252/TO-220F MOSFET
SW7N65K SEMIPOWER-SW7N65K Datasheet
991Kb / 7P
N-channel Enhanced mode TO-220F/TO-220SF/TO-251/ TO-252/TO-220 MOSFET
SW7N70K SEMIPOWER-SW7N70K Datasheet
944Kb / 7P
N-channel Enhanced mode TO-220F/TO-251/TO-252/TO-220 MOSFET
SW8N65D SEMIPOWER-SW8N65D Datasheet
1Mb / 8P
N-channel Enhanced mode TO-220/TO-251/TO-252/TO-220F/TO-251NX MOSFET
SW9N50D SEMIPOWER-SW9N50D Datasheet
1Mb / 7P
N-channel Enhanced mode TO-220F/TO-220/TO-252 MOSFET
SW70N10V SEMIPOWER-SW70N10V Datasheet
1,000Kb / 7P
N-channel Enhanced mode TO-251/TO-252/TO-220 MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com