Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SW8N70K Datasheet(PDF) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

Part # SW8N70K
Description  N-channel Enhanced mode TO-220F/TO-252 MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIPOWER [Xian Semipower Electronic Technology Co., Ltd.]
Direct Link  http://www.samwinsemi.com
Logo SEMIPOWER - Xian Semipower Electronic Technology Co., Ltd.

SW8N70K Datasheet(HTML) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

  SW8N70K Datasheet HTML 1Page - Xian Semipower Electronic Technology Co., Ltd. SW8N70K Datasheet HTML 2Page - Xian Semipower Electronic Technology Co., Ltd. SW8N70K Datasheet HTML 3Page - Xian Semipower Electronic Technology Co., Ltd. SW8N70K Datasheet HTML 4Page - Xian Semipower Electronic Technology Co., Ltd. SW8N70K Datasheet HTML 5Page - Xian Semipower Electronic Technology Co., Ltd. SW8N70K Datasheet HTML 6Page - Xian Semipower Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Copyright@ SEMIPOWER Electronic Technology Co., Ltd. All rights reserved.
May. 2016. Rev. 2.0
1/6
SW8N70K
N-channel Enhanced mode TO-220F/TO-252 MOSFET
Absolute maximum ratings
Symbol
Parameter
Value
Unit
TO-220F
TO-252
V
DSS
Drain to source voltage
700
V
I
D
Continuous drain current (@T
C=25
oC)
8*
A
Continuous drain current (@T
C=100
oC)
5*
A
I
DM
Drain current pulsed
(note 1)
32
A
V
GS
Gate to source voltage
30
V
E
AS
Single pulsed avalanche energy
(note 2)
65
mJ
E
AR
Repetitive avalanche energy
(note 1)
7.6
mJ
dv/dt
Peak diode recovery dv/dt
(note 3)
5
V/ns
P
D
Total power dissipation (@T
C=25
oC)
22.4
178.6
W
Derating factor above 25oC
0.18
1.4
W/oC
T
STG, TJ
Operating junction temperature & storage temperature
-55 ~ + 150
oC
T
L
Maximum lead temperature for soldering
purpose, 1/8 from case for 5 seconds.
300
oC
Thermal characteristics
Symbol
Parameter
Value
Unit
TO-220F
TO-252
R
thjc
Thermal resistance, Junction to case
5.57
0.7
oC/W
R
thja
Thermal resistance, Junction to ambient
50
oC/W
*. Drain current is limited by junction temperature.
BV
DSS : 700V
I
D
: 8A
R
DS(ON) : 0.55Ω
1. Gate 2. Drain 3. Source
TO-220F
1
2
3
Order Codes
Item
Sales Type
Marking
Package
Packaging
1
SW F 8N70K
SW8N70K
TO-220F
TUBE
2
SW D 8N70K
SW8N70K
TO-252
REEL
1
2
3
Features
High ruggedness
Low R
DS(ON) (Typ 0.55Ω)@VGS=10V
Low Gate Charge (Typ 21nC)
Improved dv/dt Capability
100% Avalanche Tested
Application:LED, PC Power, Charge
General Description
This power MOSFET is produced with super junction advanced technology of SAMWIN.
This technology enable the power MOSFET to have better characteristics, including fast
switching time, low on resistance, low gate charge and especially excellent avalanche
characteristics.
TO-252
1
2
3


Similar Part No. - SW8N70K

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SW8N70D SEMIPOWER-SW8N70D Datasheet
744Kb / 6P
N-channel Enhanced mode TO-220F/TO-262N MOSFET
More results

Similar Description - SW8N70K

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SW10N70K SEMIPOWER-SW10N70K Datasheet
1Mb / 6P
N-channel Enhanced mode TO-220F/TO-252 MOSFET
SW10N80K2 SEMIPOWER-SW10N80K2 Datasheet
694Kb / 7P
N-channel Enhanced mode TO-220F/TO-251N/TO-252 MOSFET
SW4N65K2 SEMIPOWER-SW4N65K2 Datasheet
780Kb / 6P
N-channel Enhanced mode TO-220F/TO-251N/TO-252 MOSFET
SW4N70D SEMIPOWER-SW4N70D Datasheet
1Mb / 7P
N-channel Enhanced mode TO-251/TO-252/TO-220F MOSFET
SW4N80K SEMIPOWER-SW4N80K Datasheet
1Mb / 7P
N-channel Enhanced mode TO-220F/TO-251N/TO-252 MOSFET
SW6N60D SEMIPOWER-SW6N60D Datasheet
856Kb / 6P
N-channel Enhanced mode TO-220F/TO-252/TO-251N MOSFET
SW7N65K2 SEMIPOWER-SW7N65K2 Datasheet
1Mb / 7P
N-channel Enhanced mode TO-220F/TO-251/TO-252 MOSFET
SW8N65DB SEMIPOWER-SW8N65DB Datasheet
950Kb / 6P
N-channel Enhanced mode TO-251/TO-252 /TO-220F MOSFET
SW9N50D SEMIPOWER-SW9N50D Datasheet
1Mb / 7P
N-channel Enhanced mode TO-220F/TO-220/TO-252 MOSFET
SW4N70L SEMIPOWER-SW4N70L Datasheet
1Mb / 7P
N-channel Enhanced mode TO-220F/TO-251N/TO-252 MOSFET
Mar. 2018
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com