Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SW9435 Datasheet(PDF) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

Part # SW9435
Description  P-channel SOP-8 MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIPOWER [Xian Semipower Electronic Technology Co., Ltd.]
Direct Link  http://www.samwinsemi.com
Logo SEMIPOWER - Xian Semipower Electronic Technology Co., Ltd.

SW9435 Datasheet(HTML) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

  SW9435 Datasheet HTML 1Page - Xian Semipower Electronic Technology Co., Ltd. SW9435 Datasheet HTML 2Page - Xian Semipower Electronic Technology Co., Ltd. SW9435 Datasheet HTML 3Page - Xian Semipower Electronic Technology Co., Ltd. SW9435 Datasheet HTML 4Page - Xian Semipower Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Copyright@ SEMIPOWER Electronic Technology Co., Ltd. All rights reserved.
Apr. 2015. Rev.1.0
Features
■ R
DS(ON) (Typ 43.5 mΩ)@VGS=-10V
■ R
DS(ON) (Typ 64mΩ)@VGS=-4.5V
P-channel SOP-8 MOSFET
Absolute maximum ratings
Thermal characteristics
Symbol
Parameter
Value
Unit
R
thja
Thermal resistance, Junction to ambient
65
oC/W
1/4
BV
DSS : -30V
I
D
: -5.3A
SW9435
SAMWIN
Item
Sales Type
Marking
Package
Packaging
1
SW 9435
SW9435
SOP-8
REEL
Order Codes
Symbol
Parameter
Value
Unit
V
DSS
Drain to Source Voltage
-30
V
I
D
Continuous Drain Current (@T
C=25
oC)
-5.3*
A
I
DM
Drain current pulsed
(note 1)
-20
A
V
GS
Gate to Source Voltage
± 20
V
P
D
Total power dissipation (@T
C=25
oC)
1.92
W
Derating Factor above 25oC
0.015
W/oC
T
STG, TJ
Operating Junction Temperature & Storage Temperature
-55 ~ + 150
oC
SOP-8(Top View)
General Description
The SW9435 is the P-Channel logic enhancement mode power field effect transistors,
using high cell density, DMOS trench technology. This high density process is especially
tailored to minimize on-state resistance.
These devices are particularly suited for low voltage application such as cellular phone, notebook
computer power management and other battery powered circuits, and lower power loss that are
needed in a very small outline surface mount package.
*. Drain current is limited by junction temperature.
*. The data tested bysurface mounted on a 1 inch2 FR-4 board with 2OZ copper.


Similar Part No. - SW9435

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW90-0001 MACOM-SW90-0001 Datasheet
236Kb / 3P
GaAs SPST Switch, Absorptive, Single Supply, DC - 4 GHz
logo
M/A-COM Technology Solu...
SW90-0001 MA-COM-SW90-0001 Datasheet
152Kb / 5P
GaAs SPST Switch, Absorptive, Single Supply, DC-4.0 GHz
logo
Tyco Electronics
SW90-0001-TB MACOM-SW90-0001-TB Datasheet
236Kb / 3P
GaAs SPST Switch, Absorptive, Single Supply, DC - 4 GHz
logo
M/A-COM Technology Solu...
SW90-0001-TB MA-COM-SW90-0001-TB Datasheet
152Kb / 5P
GaAs SPST Switch, Absorptive, Single Supply, DC-4.0 GHz
logo
Tyco Electronics
SW90-0001TR MACOM-SW90-0001TR Datasheet
236Kb / 3P
GaAs SPST Switch, Absorptive, Single Supply, DC - 4 GHz
More results

Similar Description - SW9435

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SW15N04V SEMIPOWER-SW15N04V Datasheet
1,017Kb / 6P
N-channel Enhanced mode SOP-8/DFN5x6 MOSFET
SW15N06V SEMIPOWER-SW15N06V Datasheet
897Kb / 6P
N-channel Enhanced mode SOP-8 MOSFET
SW15P03 SEMIPOWER-SW15P03 Datasheet
856Kb / 6P
P-channel Enhanced mode SOP-8 MOSFET
SW051R85VS SEMIPOWER-SW051R85VS Datasheet
731Kb / 6P
N-channel Enhanced mode SOP-8 MOSFET
SW065R85VS SEMIPOWER-SW065R85VS Datasheet
723Kb / 6P
N-channel Enhanced mode SOP-8 MOSFET
SW100R08VS SEMIPOWER-SW100R08VS Datasheet
564Kb / 6P
N-channel Enhanced mode SOP-8 MOSFET
SW125R08VS SEMIPOWER-SW125R08VS Datasheet
578Kb / 6P
N-channel Enhanced mode SOP-8 MOSFET
SW4459 SEMIPOWER-SW4459 Datasheet
832Kb / 6P
P-channel Enhanced mode SOP-8 MOSFET
logo
Everlight Electronics C...
ELD20X EVERLIGHT-ELD20X_15 Datasheet
870Kb / 12P
8 PIN SOP PHOTOTRANSISTOR DUAL CHANNEL PHOTOCOUPLER
logo
SHIKUES Electronics
SK4953 SKTECHNOLGY-SK4953 Datasheet
2Mb / 6P
Dual P-Channel MOSFET in a SOP-8 Plastic Package. 
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com