Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HT69F240 Datasheet(PDF) 9 Page - Holtek Semiconductor Inc

Part # HT69F240
Description  I/O 8-Bit Flash MCU with LED/LCD Driver
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT69F240 Datasheet(HTML) 9 Page - Holtek Semiconductor Inc

Back Button HT69F240 Datasheet HTML 5Page - Holtek Semiconductor Inc HT69F240 Datasheet HTML 6Page - Holtek Semiconductor Inc HT69F240 Datasheet HTML 7Page - Holtek Semiconductor Inc HT69F240 Datasheet HTML 8Page - Holtek Semiconductor Inc HT69F240 Datasheet HTML 9Page - Holtek Semiconductor Inc HT69F240 Datasheet HTML 10Page - Holtek Semiconductor Inc HT69F240 Datasheet HTML 11Page - Holtek Semiconductor Inc HT69F240 Datasheet HTML 12Page - Holtek Semiconductor Inc HT69F240 Datasheet HTML 13Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 172 page
background image
Rev. 1.20
8
�a��� 2�� 201�
Rev. 1.20
9
�a��� 2�� 201�
HT69F240
I/O 8-Bit Flash MCU with LED/LCD Driver
HT69F240
I/O 8-Bit Flash MCU with LED/LCD Driver
Pin Description
Pad Name
Function
OPT
I/T
O/T
Description
PA0/ICPDA/
OCDSDA
PA0
PAWU
PAPU
PAFS0
ST
C�OS Gene�al pu�pose I/O. Registe� enabled pull-up and wake-up.
ICPDA
—
ST
C�OS ICP Data/Add�ess pin
OCDSDA
—
ST
C�OS OCDS Data/Add�ess pin� fo� EV ��ip only.
PA1/LED0/
SEG0/XT1
PA1
PAWU
PAPU
PAFS0
ST
C�OS Gene�al pu�pose I/O. Registe� enabled pull-up and wake-up.
LED0
PAFS0
—
C�OS LED output
SEG0
PAFS0
—
AO
LCD segment output
XT1
CO
LXT
—
LXT os�illato� pin
PA2/INT0/
ICPCK/
OCDSCK
PA2
PAWU
PAPU
PAFS0
ST
C�OS Gene�al pu�pose I/O. Registe� enabled pull-up and wake-up.
INT0
INTEG
INTC0
ST
—
Exte�nal Inte��upt 0
ICPCK
—
ST
C�OS ICP Clo�k pin
OCDSCK
—
ST
—
OCDS Clo�k pin� fo� EV ��ip only.
PA3/LED1/
SEG1/XT2
PA3
PAWU
PAPU
PAFS0
ST
C�OS Gene�al pu�pose I/O. Registe� enabled pull-up and wake-up.
LED1
PAFS0
—
C�OS LED output
SEG1
PAFS0
—
AO
LCD segment output
XT2
CO
—
LXT LXT os�illato� pin
PA4/LED2/
SEG2/CTP/
ETCK
PA4
PAPU
PAWU
ST
C�OS Gene�al pu�pose I/O. Registe� enabled pull-up and wake-up.
LED2
PAFS1
—
C�OS LED output
SEG2
PAFS1
—
AO
LCD segment output
CTP
PAFS1
—
C�OS CT� output pin
ETCK
PAFS1
ST
—
ET� input pin
PA�/LED3/
SEG3/CTCK/
ETPA
PA�
PAWU
PAPU
PAFS1
ST
C�OS Gene�al pu�pose I/O. Registe� enabled pull-up and wake-up.
LED3
PAFS1
—
C�OS LED output
SEG3
PAFS1
—
AO
LCD segment output
CTCK
PAFS1
ST
—
CT� input pin
ETPA
PAFS1
—
C�OS ET� output pin
PA6/LED4/
SEG4/TX/
ETPIA
PA6
PAWU
PAPU
PAFS
ST
C�OS Gene�al pu�pose I/O. Registe� enabled pull-up and wake-up.
LED4
PAFS1
—
C�OS LED output
SEG4
PAFS1
—
AO
LCD segment output
TX
PAFS1
—
C�OS UART t�ansmit pin
ETPIA
ET�C1
ST
—
ET� input pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com