Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

VIPer22AS-E Datasheet(PDF) 8 Page - STMicroelectronics

Part # VIPer22AS-E
Description  Low power OFF-line SMPS primary switcher
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPer22AS-E Datasheet(HTML) 8 Page - STMicroelectronics

Back Button VIPer22AS-E Datasheet HTML 4Page - STMicroelectronics VIPer22AS-E Datasheet HTML 5Page - STMicroelectronics VIPer22AS-E Datasheet HTML 6Page - STMicroelectronics VIPer22AS-E Datasheet HTML 7Page - STMicroelectronics VIPer22AS-E Datasheet HTML 8Page - STMicroelectronics VIPer22AS-E Datasheet HTML 9Page - STMicroelectronics VIPer22AS-E Datasheet HTML 10Page - STMicroelectronics VIPer22AS-E Datasheet HTML 11Page - STMicroelectronics VIPer22AS-E Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
Operations
VIPer22A-E, VIPer22ADIP-E, VIPer22AS-E
8/21
Doc ID 12050 Rev 2
4.2
Wide range of VDD voltage
The VDD pin voltage range extends from 9 V to 38 V. This feature offers a great flexibility in
design to achieve various behaviors. In Figure 4 on page 7 a forward configuration has been
chosen to supply the device with two benefits:
●
As soon as the device starts switching, it immediately receives some energy from the
auxiliary winding. C5 can be therefore reduced and a small ceramic chip (100 nF) is
sufficient to insure the filtering function. The total start up time from the switch on of
input voltage to output voltage presence is dramatically decreased.
●
The output current characteristic can be maintained even with very low or zero output
voltage. Since the TSM101 is also supplied in forward mode, it keeps the current
regulation up whatever the output voltage is.The VDD pin voltage may vary as much as
the input voltage, that is to say with a ratio of about 4 for a wide range application.
4.3
Feedback pin principle of operation
A feedback pin controls the operation of the device. Unlike conventional PWM control
circuits which use a voltage input (the inverted input of an operational amplifier), the FB pin
is sensitive to current. Figure 5. presents the internal current mode structure.
Figure 5.
Internal current control structure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com