Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

VIPER27LN Datasheet(PDF) 7 Page - STMicroelectronics

Part # VIPER27LN
Description  Off-line high voltage converters
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER27LN Datasheet(HTML) 7 Page - STMicroelectronics

Back Button VIPER27LN Datasheet HTML 3Page - STMicroelectronics VIPER27LN Datasheet HTML 4Page - STMicroelectronics VIPER27LN Datasheet HTML 5Page - STMicroelectronics VIPER27LN Datasheet HTML 6Page - STMicroelectronics VIPER27LN Datasheet HTML 7Page - STMicroelectronics VIPER27LN Datasheet HTML 8Page - STMicroelectronics VIPER27LN Datasheet HTML 9Page - STMicroelectronics VIPER27LN Datasheet HTML 10Page - STMicroelectronics VIPER27LN Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
VIPER27
Electrical data
Doc ID 15133 Rev 5
7/31
Table 8.
Controller section
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Feed-back pin
VFBolp
Over load shutdown threshold
4.5
4.8
5.2
V
VFBlin
Linear dynamics upper limit
3.2
3.5
3.7
V
VFBbm
Burst mode threshold
Voltage falling
0.6
V
VFBbmhys Burst mode hysteresis
Voltage rising
100
mV
IFB
Feed-back sourced current
VFB = 0.3 V
-150 -200 -280
μA
3.3 V < VFB < 4.8 V
-3
μA
RFB(DYN) Dynamic resistance
VFB < 3.3 V
14
21
k
Ω
HFB
ΔV
FB / ΔID
26
V/A
CONT pin
VCONT_l Low level clamp voltage
ICONT = -100 µA
0.5
V
Current limitation
IDlim
Max drain current limitation
VFB = 4 V,
ICONT = -10 µA
TJ = 25 °C
0.66
0.7
0.74
A
tSS
Soft-start time
8.5
ms
TON_MIN
Minimum turn ON time
220
400
480
ns
td
Propagation delay
100
ns
tLEB
Leading edge blanking
300
ns
ID_BM
Peak drain current during burst mode
VFB = 0.6 V
160
mA
Oscillator section
FOSC
VIPER27L
VDD = operating voltage range,
VFB = 1 V
54
60
66
kHz
VIPER27H
103
115
127
kHz
FD
Modulation depth
VIPER27L
±4
kHz
VIPER27H
±8
kHz
FM
Modulation frequency
250
Hz
DMAX
Maximum duty cycle
70
80
%
Over current protection (2nd OCP)
IDMAX
Second over current threshold
1
A
Overvoltage protection
VOVP
Overvoltage protection threshold
2.7
3
3.3
V
TSTROBE Overvoltage protection strobe time
2.2
us



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com