Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

XRT56L22 Datasheet(PDF) 3 Page - Exar Corporation

Part # XRT56L22
Description  Low Power Repeater/Receiver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT56L22 Datasheet(HTML) 3 Page - Exar Corporation

  XRT56L22 Datasheet HTML 1Page - Exar Corporation XRT56L22 Datasheet HTML 2Page - Exar Corporation XRT56L22 Datasheet HTML 3Page - Exar Corporation XRT56L22 Datasheet HTML 4Page - Exar Corporation XRT56L22 Datasheet HTML 5Page - Exar Corporation XRT56L22 Datasheet HTML 6Page - Exar Corporation XRT56L22 Datasheet HTML 7Page - Exar Corporation XRT56L22 Datasheet HTML 8Page - Exar Corporation XRT56L22 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
XR-T56L22
3
Rev. 1.02
PIN CONFIGURATION
1
2
3
4
5
6
7
8
9
18
17
16
15
14
13
12
11
10
ALBO FIL
LC BIAS
LC I/P
PHASE CONT.
REG CONT.
VREF
VCC
CLOCK O/P
ANA GND
ALBO1
ALBO2
AMP-I/P
AMP +I/P
AMP -O/P
AMP +O/P
DIG GND
DATA-
DATA+
18 Lead PDIP, CDIP (0.300”)
18
1
10
9
2
3
4
5
6
7
15
14
13
12
11
17
16
8
ALBO FIL
LC BIAS
LC I/P
PHASE CONT.
ANA GND
ALBO1
ALBO2
AMP-I/P
REG CONT.
VREF
VCC
CLOCK O/P
AMP +I/P
AMP -O/P
AMP +O/P
DIG GND
DATA-
DATA+
18 Lead SOIC (Jedec, 0.300”)
PIN DESCRIPTION
Pin #
Symbol
Description
1
ANA GND
Ground for Analog Sections of IC and Substrate.
2
ALBO 1
ALBO PORT 1 Output. Port impedance varies between 25W and 20kW proportional to input signal
level.
3
ALBO 2
ALBO PORT 2 Output. Similar to pin 2.
4
AMP - I/P
Inverting Input of Signal Preamp RIN > 20kW.
5
AMP + I/P
Non-Inverting Input of Signal Preamp. RIN > 20kW.
6
AMP - O/P
Inverting Output of Signal Pre-amp. Rout < 200W. DC level typically 3.2V.
7
AMP + O/P
Non-inverting Output of Signal Pre-amp. Similar to pin 6.
8
DIG GND
Ground for Digital Portion of IC.
9
DATA+
Positive Data Driver Output (Open Collector). VOL < 0.95V @ lOUT = 32mA.
10
DATA-
Negative Data Driver Output (Open Collector). VOL < 0.95V @ lOUT = 32mA.
11
CLOCK O/P
Phase Shifted Clock Output (Open Collector). Decouple to GND with 0.1mF if not required. With
Rpull-up = 1K, VOL < 1.1V @ IOUT = 4mA.
12
VCC
Input Pin of Shunt Regulator and Supply Pin for IC. For voltage feed applications the regulator
must be disabled and a 5V + 5% supply connected. For line feed a current of 48-120mA is required.
ICC < 8.75mA @ RON, ALBO = 25W typical.
13
VREF
Output Voltage of Internal Reference of Shunt Regulator. For parallel operation of regulators
should be tied to pin 13 of 2nd T56L22 device. VREF approxi-mately VCC/2. Decouple to GND with
0.1mF.
14
REG CONT
Input Voltage of Shunt Regulator Amp. To inhibit regulator, pin should be tied to ground. For line
feed operation decouple to GND with 0.1mF. For parallel operation of regulators tie pin 14 of 2nd
T56L22 device. VREG approximately VREF.
15
PHASE
CONT
Phase Shift Adjust Input. A resistor to GND from the pin allows adjustment of phase shift from 905
to approximately 05. RP typical 1.8K to 1K. Vphase typical 340mV.
16
LC I/P
Clock Amplifier Input. Pulsed with current from clock comparator. Connect LC tank between 16, 17
for clock recovery. Ickon = —110mA typical.
17
LC BIAS
Clock Amplifier Reference Voltage. VLC = 3.6V typical.
18
ALBO FIL
Control Pin for ALBO Ports. Voltage developed across a capacitor on this pin defines ALBO on
impedance VALBO = 1.5V typical.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com