Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

USB97CFDC-MN Datasheet(PDF) 9 Page - SMSC Corporation

Part # USB97CFDC-MN
Description  USB FLOPPY DISK CONTROLLER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB97CFDC-MN Datasheet(HTML) 9 Page - SMSC Corporation

Back Button USB97CFDC-MN Datasheet HTML 5Page - SMSC Corporation USB97CFDC-MN Datasheet HTML 6Page - SMSC Corporation USB97CFDC-MN Datasheet HTML 7Page - SMSC Corporation USB97CFDC-MN Datasheet HTML 8Page - SMSC Corporation USB97CFDC-MN Datasheet HTML 9Page - SMSC Corporation USB97CFDC-MN Datasheet HTML 10Page - SMSC Corporation USB97CFDC-MN Datasheet HTML 11Page - SMSC Corporation USB97CFDC-MN Datasheet HTML 12Page - SMSC Corporation USB97CFDC-MN Datasheet HTML 13Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
SMSC DS – USB97CFDC
Page 9
Rev. 12/15/2000
PIN NO.
NAME
SYMBOL
BUFFER
TYPE
DESCRIPTION
MISCELLANEOUS
17
Crystal
Input/External
Clock Input
XTAL1/
CLKIN
ICLKx
14.318Mhz Crystal or clock input.
This pin can be connected to one terminal of the
crystal or can be connected to an external
14.318Mhz clock when a crystal is not used.
18
Crystal
Output
XTAL2
OCLKx
14.318Mhz Crystal
This is the other terminal of the crystal, or left
open when an external clock source is used to
drive XTAL1/CLKIN. It may not be used to drive
any external circuitry other than the crystal circuit.
23
SRAM Enable nMEMEN
O24
An active low signal is output on this pin to enable
the optional external SRAM for extended FDC
write and read caching for ultra high performance
applications.
24
Option Enable OPTEN
I
Current
firmware
utilizes
this
input
pin
for
detecting the media density switch of the drive.
Various firmware options are available for different
polarities of this signal.
Contact
factory
for
available firmware options. If this pin is not driven
by the drive, it should be tied low.
25
Drive Ready
nDRVRDY
I
An active low signal on this pin from the floppy
disk drive, after DS0 goes active, indicates that
the system may activate MTR0. If the drive does
not supply this signal, this pin should be tied low.
26
Drive Power
nFDPWR
OD24
This active low signal is intended to activate an
external power switch, either in the drive or on the
system board, to supply power to the floppy disk
drive. It is active whenever the USB97CFDC is not
in SUSPEND mode.
21
RESET input
nRESET
IS
This active low signal is used by the system to
reset the chip. The active low pulse should be at
least 100ns wide.
22
Test output
TSTOUT
O8
This signal is used for testing the chip via an
internal XNOR chain. User should normally leave
it unconnected.
15
Test input
nTEST
I
This signal is a manufacturing test pin. It should
be tied to VDD for normal operation.
16
Test Enable
nTESTEN
I
This active low signal places the device into board
test mode using the XNOR chain. For normal
operation this pin should be tied high. See Board
Test Mode Operation on page 10
POWER, GROUND, AND NO CONNECTS
14, 39, 60,
82, 93
VDD
+3.3V power
8, 19, 27, 43,
52, 66, 79,
81, 88
GND
Ground Reference
20, 51, 78,
80, 83, 94-96
NC
No Connect. These pins should not be connected
externally.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com