Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

7782 Datasheet(PDF) 61 Page - STMicroelectronics

Part # 7782
Description  32 Mbit (2Mb x 16, Dual Bank, Burst ) 1.8V Supply Flash Memory
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

7782 Datasheet(HTML) 61 Page - STMicroelectronics

Back Button 7782 Datasheet HTML 55Page - STMicroelectronics 7782 Datasheet HTML 56Page - STMicroelectronics 7782 Datasheet HTML 57Page - STMicroelectronics 7782 Datasheet HTML 58Page - STMicroelectronics 7782 Datasheet HTML 59Page - STMicroelectronics 7782 Datasheet HTML 60Page - STMicroelectronics 7782 Datasheet HTML 61Page - STMicroelectronics 7782 Datasheet HTML 62Page - STMicroelectronics 7782 Datasheet HTML 63Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 61 / 63 page
background image
61/63
M58CR032C, M58CR032D
APPENDIX C. COMMAND INTERFACE STATE TABLES
Table 36. Command Interface States - Lock table
Note: PS = Program Suspend, ES = Erase Suspend.
Current
State of
Other
Bank
Current State of the
Current Bank
Command Input to the Current Bank (and Next State of the Current Bank)
Mode
State
Others
Read
Array
(FFH)
Erase
Confirm
P/E
Resume
Unlock
Confirm
(D0h)
Read
Status
Register
(70h)
Clear
Status
Register
(50h)
Read
Electronic
Signature
(90h)
Read
CFI Query
(98h)
Block Lock
Unlock
Lock-Down
setup
Set BCR
setup (60h)
Block lock
Confirm
(01h)
Block
Lock-
Down
Confirm
(2Fh)
Set BCR
Confirm
(03h)
Any State
Read
Array
SEE
MODIFY
TABLE
Read Array Read Array
Read
Status
Register
ReadArray
Read
Elect.
Sign.
Read CFI
Block Lock,
Unlock,
Lock-Down,
Set BCR
Setup
Read Array Read Array Read Array
CFI
Electronic
Signature
Status
Any State
Lock
Unlock
Lock-Down
BCR
Setup
Block Lock
Unlock
Lock-Down
Error, Set
BCR Error
Block lock
Unlock
Lock-Down
Error, Set
BCR Error
Block Lock
Unlock
Lock-Down
Block
Block Lock
Unlock
Lock-Down
Error, Set
BCR Error
Block Lock
Unlock
Lock-Down
Error, Set
BCR Error
Block Lock
Unlock
Lock-Down
Error, Set
BCR Error
Block Lock
Unlock
Lock-Down
Error, Set
BCR Error
Block Lock
Unlock
Lock-Down
Error, Set
BCR Error
Block Lock
Unlock
Lock-Down
Block
Block Lock
Unlock
Lock-Down
Block
Set BCR
Error
SEE
MODIFY
TABLE
Read Array Read Array
Read
Status
Register
Read Array
Read
Elect.
Sign.
Read CFI
Block LocK
Unlock
Lock-Down
Setup, Set
BCR Setup
Read Array Read Array Read Array
Lock
Unlock
Lock-Down
Block
Set BCR
Any State
Protection
Register
Done
SEE
MODIFY
TABLE
Read Array Read Array
Read
Status
Register
Read Array
Read
Elect.
Sign.
Read CFI
Block LocK
Unlock
Lock-Down
Setup, Set
BCR Setup
Read Array Read Array Read Array
Any State
Program-
Double/
Quadruple
Program
Done
SEE
MODIFY
TABLE
Read Array Read Array
Read
Status
Register
Read Array
Read
Elect.
Sign.
Read CFI
Block LocK
Unlock
Lock-Down
Setup, Set
BCR Setup
Read Array Read Array Read Array
Setup
Program
Suspend
Read
Array, CFI,
Elect.
Sign.,
Status
SEE
MODIFY
TABLE
PS Read
Array
Program
(Busy)
PS Read
Status
Register
PS Read
Array
PS Read
Elect.
Sign.
PS Read
CFI
PS Read
Array
PS Read
Array
PS Read
Array
PS Read
Array
Idle
Erase
Suspend
Idle
Block/
Bank
Erase
Setup
Erase
Error
Erase
Error
Erase
(Busy)
Erase
Error
Erase
Error
Erase
Error
Erase
Error
Erase Error
Erase
Error
Erase
Error
Erase
Error
Any State
Error
SEE
MODIFY
TABLE
Read Array Read Array
Read
Status
Register
Read Array
Read
Elect.
Sign.
Read CFI
Block LocK
Unlock
Lock-Down
Setup, Set
BCR Setup
Read Array Read Array Read Array
Done
Setup
Erase
Suspend
Read
Array, CFI,
Elect.
Sign.,
Status
SEE
MODIFY
TABLE
ES Read
Array
Erase
(Busy)
ES Read
Status
Register
ES Read
Array
ES Read
Elect.
Sign.
ES Read
CFI
Block LocK
Unlock
Lock-Down
Setup, Set
BCR Setup
ES Read
Array
ES Read
Array
ES Read
Array
Busy
ES Read
Array
Idle
Erase
(Busy)
Program
Suspend
ES Read
Array



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com