| Electronic Components Datasheet Search |
|
CS5490 Datasheet(PDF) 50 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS5490 Datasheet(HTML) 50 Page - Cirrus Logic |
|
50 / 57 page ![]() CS5490 50 DS982F3 6.6.49 Gain for Voltage (VGAIN) – Page 16, Address 35 Default = 1.0 Gain register VGAIN is initialized to 1.0 on reset. During gain calibration, the VGAIN register is written with the multiplicative inverse of the gain measured. This is an unsigned fixed-point value in the range of 0 value 4.0, with the binary point to the right of the second MSB. 6.6.50 Average Active Power Offset (POFF) – Page 16, Address 36 Default = 0 Average Active Power Offset (POFF) is added to the averaged active power to yield PAVG register results. It can be used to reduce systematic energy errors. This is a two's complement value in the range of -1.0 value 1.0, with the binary point to the right of the MSB. 6.6.51 Average Reactive Power Offset (QOFF ) – Page 16, Address 38 Default = 0x00 0000 Average Reactive Power Offset (QOFF) is added to the averaged active power to yield QAVG register results. It can be used to reduce systematic energy errors. It is a two's complement value in the range of -1.0 value 1.0, with the binary point to the right of the MSB. 6.6.52 AC Offset for Current (IACOFF) – Page 16, Address 37 Default = 0 AC offset register IACOFF is initialized to zero on reset. It is used to reduce systematic errors in the RMS re- sults. This is an unsigned value in the range of 0 value 1.0, with the binary point to the left of the MSB. 6.6.53 Temperature Gain (TGAIN) – Page 16, Address 54 Default = 0x 06 B716 Register TGAIN is used to scale the Temperature register (T), and is an unsigned fixed-point value in the range of 0.0 value256.0, with the binary point to the right of bit 16. Register T can be rescaled by the application using the TGAIN and TOFF registers. Refer to section 7.3 Tem- perature Sensor Calibration on page 54 for more information. MSB LSB 21 20 2-1 2-2 2-3 2-4 2-5 2-6 ..... 2-16 2-17 2-18 2-19 2-20 2-21 2-22 MSB LSB -(20)2-1 2-2 2-3 2-4 2-5 2-6 2-7 ..... 2-17 2-18 2-19 2-20 2-21 2-22 2-23 MSB LSB -(20)2-1 2-2 2-3 2-4 2-5 2-6 2-7 ..... 2-17 2-18 2-19 2-20 2-21 2-22 2-23 MSB LSB 2-1 2-2 2-3 2-4 2-5 2-6 2-7 2-8 ..... 2-18 2-19 2-20 2-21 2-22 2-23 2-24 MSB LSB 27 26 25 24 23 22 21 20 ..... 2-10 2-11 2-12 2-13 2-14 2-15 2-16 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |