Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CS7250B Datasheet(PDF) 3 Page - Cirrus Logic

Part # CS7250B
Description  Digital MEMS Microphone with High Performance and Low Power Modes
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7250B Datasheet(HTML) 3 Page - Cirrus Logic

  CS7250B Datasheet HTML 1Page - Cirrus Logic CS7250B Datasheet HTML 2Page - Cirrus Logic CS7250B Datasheet HTML 3Page - Cirrus Logic CS7250B Datasheet HTML 4Page - Cirrus Logic CS7250B Datasheet HTML 5Page - Cirrus Logic CS7250B Datasheet HTML 6Page - Cirrus Logic CS7250B Datasheet HTML 7Page - Cirrus Logic CS7250B Datasheet HTML 8Page - Cirrus Logic CS7250B Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
DS1072PP1
CS7250B
1 Pin Descriptions
1 Pin Descriptions
1.1 LGA Pinout
Figure 1-1. Top-Down (Through-Package) View
1.2 Pin Descriptions
A description of each pin on the CS7250B is provided in Table 1-1.
Table 1-1. Pin Descriptions
Name
Pin #
I/O
Description
DATA
1
O
PDM data output
LRSEL
2
I
Channel select
0 = Data output following falling CLK edge
1 = Data output following rising CLK edge
This pin must be tied to VDD or GND—there is no internal pull-up/-down provided.
GND
3
Ground
CLK
4
I
Clock input
VDD
5
Power supply
1
5
2
3
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com