Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CS48520 Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS48520
Description  Cost-effective, High-performance 32-bit DSP
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS48520 Datasheet(HTML) 1 Page - Cirrus Logic

  CS48520 Datasheet HTML 1Page - Cirrus Logic CS48520 Datasheet HTML 2Page - Cirrus Logic CS48520 Datasheet HTML 3Page - Cirrus Logic CS48520 Datasheet HTML 4Page - Cirrus Logic CS48520 Datasheet HTML 5Page - Cirrus Logic CS48520 Datasheet HTML 6Page - Cirrus Logic CS48520 Datasheet HTML 7Page - Cirrus Logic CS48520 Datasheet HTML 8Page - Cirrus Logic CS48520 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
Copyright
 Cirrus Logic, Inc. 2011
(All Rights Reserved)
http://www.cirrus.com
DS734F5
OCT '11
CS485xx Family Data Sheet
Features
Cost-effective, High-performance 32-bit DSP
300,000,000 MAC/S (multiply accumulates per second)
Dual MAC cycles per clock
72-bit accumulators are the most accurate in the industry
24k x 32 SRAM, 2k blocks - assignable to data or program
Internal ROM contains a variety of configurable sound
enhancement feature sets
8-channel internal DMA
Internal watch-dog DSP lock-up prevention
DSP Tool Set w/ Private Keys for Protecting Customer IP
Configurable Serial Audio Inputs/Outputs
Configurable for all input/output types
Maximum 32-bit @ 192 kHz
Supports 32-bit audio sample I/O between DSP chips
TDM input modes (multiple channels on same line)
192 kHz SPDIF transmitter
Multi-channel DSD direct stream digital SACD input
Supports Two Different Input Fs Sample Rates
Output can be master or slave
Dual processing path capability
Input supports dual domain slave clocking
Hardware assist time sampling for sample rate conversion
Integrated Clock Manager/PLL
Can operate from external crystal, external oscillator
Input Fs Auto Detection
Host & Boot via Serial Interface
Configurable GPIOs and External Interrupt Input
1.8V Core and a 3.3V I/O that is tolerant to 5V input
Low-power Mode
“Energy Star® Ready” in low-power mode, 268 µW in standby
Differentiating from the legacy Cirrus multi-standard, multi-channel
decoders, this new CS485xx family is still based on the same
high-performance 32-bit fixed point Digital Signal Processor core
but instead is equipped with much less memory, tailoring it for more
cost-effective applications associated with multi-channel and
virtual-channel sound enhancements. Target applications are:
Digital Televisions
Multimedia Peripherals
iPod® Docking Stations
Automotive Head Units
Automotive Outboard Amplifiers
HD-DVD™ and Blu-ray Disc® DVD Receivers
PC Speakers
There are also a wide variety of licensable DSP codes available
today as seen by the following examples:
Cirrus also has developed, or is developing their own royalty-free
versions of popular features sets like Cirrus Bass Manager, Cirrus
Dynamic Volume Leveler, Cirrus Original Multichannel Surround,
Cirrus Virtual Speaker & Cirrus 3D-Audio.
The CS485xx family is programmed using the Cirrus proprietary
DSP Composer™ GUI development tool. Processing chains may be
designed using a drag-and-drop interface to place/utilize functional
macro audio DSP primitives. The end result is a software image that
is down-loaded to the DSP via serial host or serial boot modes.
See Section 6 for ordering information.
CS485xx Block Diagram
32-bit
DSP
D
M
A
P
X
Y
Serial
Control 1
12 Ch PCM
Audio Out
GPIO
Debug
Watchdog
TMR1
TMR2
PLL
S/PDIF
12 Ch. Audio In /
6 Ch. SACD In
CS485xx


Similar Part No. - CS48520

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS48520 CIRRUS-CS48520 Datasheet
524Kb / 26P
32-bit Audio Decoder DSP Family
CS48520-CQZ CIRRUS-CS48520-CQZ Datasheet
524Kb / 26P
32-bit Audio Decoder DSP Family
More results

Similar Description - CS48520

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S3C380D SAMSUNG-S3C380D Datasheet
148Kb / 24P
Samsung S3C380D 16/32-bit RISC microcontroller is a cost-effective and high-performance microcontroller solution for TV applications.
S3C4510B SAMSUNG-S3C4510B Datasheet
2Mb / 422P
Samsungs S3C4510B 16/32-bit RISC microcontroller is a cost-effective, high-performance microcontroller solution for Ethernet-based systems.
logo
Hynix Semiconductor
GMS30C2216 HYNIX-GMS30C2216 Datasheet
1Mb / 320P
16/32 BIT RISC/DSP
logo
Zilog, Inc.
Z86L04 ZILOG-Z86L04 Datasheet
165Kb / 26P
Z8 8-Bit Cost-Effective Microcontrollers
logo
Samsung semiconductor
S3C4530A SAMSUNG-S3C4530A Datasheet
1Mb / 432P
16/32-bit RISC microcontroller is a cost-effective, high-performance microcontroller
logo
Cirrus Logic
CS48500 CIRRUS-CS48500 Datasheet
319Kb / 28P
Cost-effective, High-performance 32-bit DSP
CS49DV8C CIRRUS-CS49DV8C Datasheet
560Kb / 30P
32-bit Audio DSP Family
logo
Tyco Electronics
1EEJ1 MACOM-1EEJ1_11 Datasheet
853Kb / 7P
Cost-effective Medium Performance Power Inlet Filter
logo
Axiomtek Co., Ltd.
NA-820L AXIOMTEK-NA-820L Datasheet
159Kb / 1P
High performance and cost-effective solution
logo
TE Connectivity Ltd
EEJ TEC-EEJ Datasheet
853Kb / 7P
Cost-effective Medium Performance Power Inlet Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com