Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AMBE2000 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # AMBE2000
Description  VOCODER CHIP
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AMBE2000 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button AMBE2000 Datasheet HTML 6Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 7Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 8Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 9Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 10Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 11Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 12Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 13Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 47 page
background image
AMBE-2000™ Vocoder Chip
User’s Manual Version 3.0
page 10
Visit us at www.dvsinc.com
Confidential Proprietary, Subject to Change
3 Hardware Information
3.1 Special Handling Instructions
The AMBE-2000 uses the TM320-LC541-66 core. For more details on handeling, electrical characteristics, packaging, or
timing constraints please refer to the TMS320-C54x manual found at http://www-s.ti.com/sc/psheets/sprs039c/sprs039c.pdf
(Adobe Acrobat). Although the AMBE-2000™ Vocoder Chip incorporates input protection circuitry, to avoid damage from
the accumulation of a static charge, industry standard electrostatic discharge precautions and procedures must be employed
during handling and mounting.
The 100 pin TQFP package design of the AMBE-2000™ Vocoder Chip allows it to be mounted by infrared reflow, vapor-
phase reflow or equivalent processes. The peak package body temperature must not exceed 220
°C.
The AMBE-2000™ Vocoder Chip requires baking before mounting, if any of the following conditions exist:
Humidity indicator card (included in packaging) shows exposure to > 20 %
when read at 23°C + 5°C
Devices were not shipped in a package designated as “moisture
controlled.”
Not mounted within 168 hours of receipt, at factory conditions of <30°C
and <60% RH
If the device has not been stored at < 20% RH
DVSI’s recommended bake out procedures:
For low-temperature device containers: 192 hours at 40°C + 5°C / -0°C
and < 5% Relative Humidity
For high-temperature device containers : 24 hours at 125°C + 5°C.
3.1.1 Storage
To insure maximum shelf life in long term storage, AMBE-2000™ Vocoder Chips should be kept in a moisture controlled
package at <40
°C and <90% Relative Humidity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com