Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PSP Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # PSP
Description  Motorized Master Slide Potentiometer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PSP Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  PSP Datasheet HTML 1Page - Bourns Electronic Solutions PSP Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
Extra long life element
Assortment of resistance tapers
100 mm travel length
Touch sense lever
Snap-in connector
PSP Series Motorized Master Slide Potentiometer
*RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
Electrical Characteristics
Standard Resistance Range
.................... 10K ohms to 100K ohms
Standard Resistance Tolerance... ±20 %
End Resistance ...................1 ohm max.
Insulation Resistance @ 500 VDC
............................. 100 megohms min.
Dielectric Withstanding Voltage
............................................1000 VAC
Standard Taper.................. Linear, Audio
Power Rating - Linear................0.5 watt
Power Rating - Audio ..............0.25 watt
Slider Noise .........................60 mV max.
Touch Sense Track
Conductive Resistance
Snap-in Connector....... 10 ohms max.
Environmental Characteristics
Operational Life ...........1,000,000 cycles
TR Shift .................................... ±15 %
Operating Temperature Range
................................. -10 °C to +70 °C
Mechanical Characteristics
Mechanical Travel........ 100 mm ± 1 mm
Operating Force
100 mm Travel.............................50 gf
Stop Strength ......................... 5 kgf min.
Motor Drive Characteristics
Rated Voltage .............................10 VDC
Operating Voltage Supply .. 6 to 11 VDC
Maximum Current..............800 mA max.
Lever Speed @ 10 VDC
...................................20 mm/0.1 sec.
Product Dimensions
DIMENSIONS:
MM
(INCHES)
Asia-Pacific:
Tel: +886-2 2562-4117
Email: asiacus@bourns.com
Europe:
Tel: +36 88 520 390
Email: eurocus@bourns.com
The Americas:
Tel: +1-951 781-5500
Email: americus@bourns.com
www.bourns.com
83.0
(3.268)
74.0
(2.913)
120.0 ± 0.5
(4.724 ± .020)
14.0
(.551)
7.0
(.276)
0.50
(.020)
M3 x
2 PLCS.
2.0
(.079)
4.0
(.157)
7.0
(.276)
100.0 ± 1.0
(3.937 ± .039)
TRAVEL
8.0
(.315)
14.5
(.571)
18.5
(.728)
39.3
(1.547)
43.0
(1.693)
8.2 ± 0.5
(.323 ± .020)
5.1
(.201)
33.5
(1.319)
53.8
(2.118)
64.0
(2.520)
75.0
(2.953)
14.0
(.551)
7.0
(.276)
2.0
(.079)
DIA.
2 PLCS.
B
B DETAIL
1.5 +0/-0.1
(.059 +0/-.004)
1.2 ± 0.05
(.047 ± .0002)
1.8
(.071)
A
25.0
(.984)
20.0
(.787)
2.5
(.098)
A
(+)
B
(-)
3 1 2 T 1’ 2’ 3’
4.2
(.165)
A DETAIL
Standard Resistance Table
Resistance
Resistance
(Ohms)
Code
10,000
103
20,000
203
50,000
503
100,000
104
How To Order
PSP 01 - 08 2 A - 103 B2
Model Number
Designator
PSP = Motorized
Master Slide
Potentiometer
Length of Travel
01 = 100 mm
Lever Length
08 = 8.2 mm
Terminal Type
2 = Snap-in Connector
Lever End Style
A = Metal Lever (Refer to Drawing)
Resistance Code
(See Standard Resistance Table)
Resistance Taper (See Taper Charts)
Taper Series followed by Curve Number


Similar Part No. - PSP

ManufacturerPart #DatasheetDescription
logo
Powerbox
PSP POWERBOX-PSP Datasheet
48Kb / 1P
2 0 0 WAT T P R O G R A M A B L E S W I T C H I N G
logo
YAGEO Corporation
PSP YAGEO-PSP Datasheet
1Mb / 8P
Fiberglass Cement Resistors
Nov. 29, 2024 V.2
logo
Total Power Internation...
PSP-1000 TOTAL-POWER-PSP-1000 Datasheet
361Kb / 2P
1000W Single Output with PFC Function
logo
Astrodyne Corporation
PSP-1000 ASTRODYNE-PSP-1000 Datasheet
438Kb / 2P
1000W Single Output with PFC Function
logo
Mean Well Enterprises C...
PSP-1000 MEANWELL-PSP-1000 Datasheet
362Kb / 2P
1000W Single Output with PFC Function
More results

Similar Description - PSP

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PTA BOURNS-PTA Datasheet
223Kb / 2P
Low Profile Slide Potentiometer
PRM16 BOURNS-PRM16 Datasheet
207Kb / 2P
16 mm Motorized Potentiometer
PSM01-082A-103B2 BOURNS-PSM01-082A-103B2 Datasheet
368Kb / 3P
PSM Series Motorized Slide Potentiometer
logo
Bi technologies
PS100-1 BITECH-PS100-1 Datasheet
101Kb / 3P
Slide Potentiometer
PS45G BITECH-PS45G Datasheet
110Kb / 4P
Slide Potentiometer
PS30M BITECH-PS30M Datasheet
168Kb / 6P
Slide Potentiometer
PS30 BITECH-PS30 Datasheet
102Kb / 4P
Slide Potentiometer
logo
Bourns Electronic Solut...
SMLJ12A-Q BOURNS-SMLJ12A-Q Datasheet
838Kb / 3P
Motorized Master Slide Potentiometer
logo
SHINMEI ELECTRIC CO., L...
SLR-1-10101B SHINMEI-SLR-1-10101B Datasheet
140Kb / 3P
SLIDE POTENTIOMETER
logo
TT Electronics.
PSM050S-10B10KB TTELEC-PSM050S-10B10KB Datasheet
376Kb / 3P
Miniature Slide Potentiometer
12/2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com