Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

D965SS Datasheet(PDF) 2 Page - Unisonic Technologies

Part # D965SS
Description  NPN EPITAXIAL SILICON TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

D965SS Datasheet(HTML) 2 Page - Unisonic Technologies

  D965SS Datasheet HTML 1Page - Unisonic Technologies D965SS Datasheet HTML 2Page - Unisonic Technologies D965SS Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
UTCD965SS / D965ASS
NPN EPITAXIAL SILICON TRANSISTOR
UTC UNISONIC TECHNOLOGIES CO. LTD
2
QW-R206-016,B
DC current gain(note)
hFE
VCE=2V,Ic=1mA
VCE=2V,Ic=0.5A
VCE=2V,Ic=2A
230
150
200
800
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Collector-emitter saturation voltage
VCE(sat)
Ic=3A, IB= 0.1A
1
V
Current gain bandwidth product
fT
VCE=6V,Ic=50mA
150
MHz
Output capacitance
Cob
VCB=20V,IE=0
f=1MHz
50
pF
CLASSIFICATION OF hFE2
RANK
Q
R
S
RANGE
230-380
340-600
560-800
TYPICAL CHARACTERISTIC CURVES
Fig.1 Static characteristics
Collector-Emitter voltage ( V)
0
0.4
0.8
1.2
1.6
2.0
0
1.0
1.5
2.0
2.5
3.0
IB=0.5mA
IB=1.0mA
IB=1.5mA
IB=2.0mA
IB=2.5mA
IB=3.0mA
Fig.2 DC current Gain
Ic,Collector current (mA)
10
2
10
1
10
0
10
3
10
4
10
3
10
2
10
1
10
-1
VCE=2V
Fig.3 Base-Emitter on Voltage
10
1
10
2
10
3
10
4
Base-Emitter voltage (V)
0
0.2
0.4
0.6
0.8
1.0
VCE=2V
Ic,Collector current (mA)
10
4
10
3
10
2
10
1
10
0
10
1
10
2
10
3
10
4
Fig.4 Saturation voltage
Fig.5 Current gain-bandwidth
product
Fig.6 Collector output
Capacitance
VCE(sat)
VBE(sat)
Ic=10*IB
Ic,Collector current (mA)
10
0
10
1
10
2
10
3
10
0
10
1
10
2
VCE=6V
Collector-Base voltage (V)
10
3
10
3
10
0
10
1
10
2
10
-1
10
0
10
1
10
2
f=1MHz
IE=0



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com