Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

FES16XT Datasheet(PDF) 4 Page - Vishay Siliconix

Part # FES16XT
Description  Ultrafast Plastic Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

FES16XT Datasheet(HTML) 4 Page - Vishay Siliconix

  FES16XT Datasheet HTML 1Page - Vishay Siliconix FES16XT Datasheet HTML 2Page - Vishay Siliconix FES16XT Datasheet HTML 3Page - Vishay Siliconix FES16XT Datasheet HTML 4Page - Vishay Siliconix FES16XT Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
FES16xT, FESF16xT, FESB16xT
www.vishay.com
Vishay General Semiconductor
Revision: 23-Feb-16
4
Document Number: 88599
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
TO-220AC
CASE
PIN 2
PIN 1
0.635 (16.13)
0.625 (15.87)
0.415 (10.54) MAX.
0.154 (3.91) DIA.
0.148 (3.74) DIA.
0.113 (2.87)
0.103 (2.62)
0.370 (9.40)
0.360 (9.14)
PIN
12
0.160 (4.06)
0.140 (3.56)
0.057 (1.45)
0.045 (1.14)
0.105 (2.67)
0.095 (2.41)
0.037 (0.94)
0.027 (0.68)
0.205 (5.20)
0.195 (4.95)
0.022 (0.56)
0.014 (0.36)
1.148 (29.16)
1.118 (28.40)
0.560 (14.22)
0.530 (13.46)
0.110 (2.79)
0.100 (2.54)
0.350 (8.89)
0.330 (8.38)
0.145 (3.68)
0.135 (3.43)
0.603 (15.32)
0.573 (14.55)
0.055 (1.39)
0.045 (1.14)
0.185 (4.70)
0.175 (4.44)
ITO-220AC
PIN
1
2
0.025 (0.64)
0.015 (0.38)
0.404 (10.26)
0.384 (9.75)
0.076 (1.93) REF.
0.076 (1.93) REF.
45° REF.
0.600 (15.24)
0.580 (14.73)
0.560 (14.22)
0.530 (13.46)
0.035 (0.89)
0.025 (0.64)
0.205 (5.21)
0.195 (4.95)
0.191 (4.85)
0.171 (4.35)
0.057 (1.45)
0.045 (1.14)
0.671 (17.04)
0.651 (16.54)
0.028 (0.71)
0.020 (0.51)
0.110 (2.79)
0.100 (2.54)
7° REF.
7° REF.
7° REF.
0.350 (8.89)
0.330 (8.38)
0.140 (3.56) DIA.
0.125 (3.17) DIA.
0.135 (3.43) DIA.
0.122 (3.08) DIA.
0.110 (2.79)
0.100 (2.54)
0.190 (4.83)
0.170 (4.32)
TO-263AB
Mounting Pad Layout
0.670 (17.02)
0.591 (15.00)
0.105 (2.67)
0.095 (2.41)
0.08 (2.032) MIN.
0.15 (3.81) MIN.
0.33 (8.38) MIN.
0.42 (10.66) MIN.
12
K
K
0.140 (3.56)
0.110 (2.79)
0.021 (0.53)
0.014 (0.36)
0.110 (2.79)
0.090 (2.29)
0 to 0.01 (0 to 0.254)
0.055 (1.40)
0.047 (1.19)
0.055 (1.40)
0.045 (1.14)
0.190 (4.83)
0.160 (4.06)
0.205 (5.20)
0.195 (4.95)
0.624 (15.85)
0.591 (15.00)
0.037 (0.940)
0.027 (0.686)
0.105 (2.67)
0.095 (2.41)
0.360 (9.14)
0.320 (8.13)
0.411 (10.45)
0.380 (9.65)
0.245 (6.22)
MIN.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com