Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MAT03A Datasheet(PDF) 5 Page - Taoglas antenna solutions

Part # MAT03A
Description  MAT.03A Embedded Active GPS and Cellular Antenna Assembly and Reference Board
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

MAT03A Datasheet(HTML) 5 Page - Taoglas antenna solutions

  MAT03A Datasheet HTML 1Page - Taoglas antenna solutions MAT03A Datasheet HTML 2Page - Taoglas antenna solutions MAT03A Datasheet HTML 3Page - Taoglas antenna solutions MAT03A Datasheet HTML 4Page - Taoglas antenna solutions MAT03A Datasheet HTML 5Page - Taoglas antenna solutions MAT03A Datasheet HTML 6Page - Taoglas antenna solutions MAT03A Datasheet HTML 7Page - Taoglas antenna solutions MAT03A Datasheet HTML 8Page - Taoglas antenna solutions MAT03A Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
SPE-14-8-103/A/MC
Page 5 of 25
Electrical Specifications - LNA*
Frequency Range
1575.42 ± 1.023 MHz
Output Impedance
50Ω
Outer Band Attenuation
F0=1575.42MHz
F0±30MHz 5dB min
F0±50MHz 25dB min
F0±100MHz 30dB min
Pout at 1dB Gain
Compression point
-7 dBm Typ.
Output VSWR
2.0 Max
LNA Gain, Power Consumption and Noise Figure*
Voltage
LNA Gain (Typ)
Power
Consumption(mA) Typ
Noise Figure(Typ)
Min 1.8V
20dB
4.5mA
2.8dB
Typ 3.0V
28dB
9mA
2.7dB
Max 5.5V
30dB
18mA
3.0dB
Electrical Specifications – Overall*
Frequency Range
1575.42MHz +/- 1.023 MHz
Gain
At 90° at 3.0V 26.5±4dBi
Output Impedance
50Ω
VSWR
2.0 Max.
*Ground plane size 110x40 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com