Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HD29026A Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # HD29026A
Description  Dual CCD Drivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HD29026A Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  HD29026A Datasheet HTML 1Page - List of Unclassifed Manufacturers HD29026A Datasheet HTML 2Page - List of Unclassifed Manufacturers HD29026A Datasheet HTML 3Page - List of Unclassifed Manufacturers HD29026A Datasheet HTML 4Page - List of Unclassifed Manufacturers HD29026A Datasheet HTML 5Page - List of Unclassifed Manufacturers HD29026A Datasheet HTML 6Page - List of Unclassifed Manufacturers HD29026A Datasheet HTML 7Page - List of Unclassifed Manufacturers HD29026A Datasheet HTML 8Page - List of Unclassifed Manufacturers HD29026A Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
HD29026A/HD29027/HD29028
Dual CCD Drivers
HD29026A, HD29027 and HD29028 include
two on-chip drivers on a single chip, making it
the
optimal
choice
as
a
CCD
driver.
Operation is provided with a TTL level input,
and output current of 1 A is available for both
sink and source.
Features
High speed output rise and fall (20 ns typ)
at load capacitance (C
L) of 1000 pF
Direct drive of input block by TTL eliminates
the need for external components
Output swing voltage of 12 V; output
current of 1 A available for both sink and
source
Output wave cross point 50% typ
Ordering Information
Function Table
Pin Arrangement
Product name
Supply voltage
Package
HD29026AP
12 V
300 mil 8-pin plastic DIP (DP-8)
HD29026AFP
225 mil 8-pin plastic SOP (FP-8D)
HD29027P
6 V
300 mil 8-pin plastic DIP (DP-8)
HD29027FP
225 mil 8-pin plastic SOP (FP-8D)
HD29028P
12 V
300 mil 8-pin plastic DIP (DP-8)
HD29028FP
225 mil 8-pin plastic SOP (FP-8D)
Input A
Output Y
HL
LH
Note: H: High level
NC
1A
GND
2A
NC
1Y
V
2Y
1
2
3
4
8
7
6
5
CC


Similar Part No. - HD29026A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD29026A RENESAS-HD29026A Datasheet
235Kb / 18P
Dual CCD Drivers
logo
Hitachi Semiconductor
HD29026A HITACHI-HD29026A Datasheet
72Kb / 16P
Dual CCD Drivers
logo
Renesas Technology Corp
HD29026A RENESAS-HD29026A Datasheet
115Kb / 12P
Dual CCD Drivers
logo
Hitachi Semiconductor
HD29026AFP HITACHI-HD29026AFP Datasheet
72Kb / 16P
Dual CCD Drivers
logo
Renesas Technology Corp
HD29026AFPEL RENESAS-HD29026AFPEL Datasheet
115Kb / 12P
Dual CCD Drivers
More results

Similar Description - HD29026A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN55110A TI-SN55110A Datasheet
148Kb / 10P
DUAL LINE DRIVERS
SN55121 TI-SN55121 Datasheet
117Kb / 7P
DUAL LINE DRIVERS
SN75471 TI-SN75471 Datasheet
121Kb / 7P
DUAL PERIPHERAL DRIVERS
logo
List of Unclassifed Man...
HD29029 ETC-HD29029 Datasheet
21Kb / 5P
Dual CCD Drivers
logo
Renesas Technology Corp
J205001_HD29026A RENESAS-J205001_HD29026A Datasheet
235Kb / 18P
Dual CCD Drivers
logo
Hitachi Semiconductor
HD29026A HITACHI-HD29026A Datasheet
72Kb / 16P
Dual CCD Drivers
logo
Toshiba Semiconductor
TB62802F TOSHIBA-TB62802F Datasheet
261Kb / 19P
CCD Clock Drivers
TB62802FG TOSHIBA-TB62802FG Datasheet
262Kb / 20P
CCD Clock Drivers
logo
Renesas Technology Corp
HD29026A RENESAS-HD29026A Datasheet
115Kb / 12P
Dual CCD Drivers
HD29029 RENESAS-HD29029 Datasheet
87Kb / 7P
Dual CCD Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com