Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HMS99C52 Datasheet(PDF) 5 Page - Hynix Semiconductor

Part # HMS99C52
Description  8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HMS99C52 Datasheet(HTML) 5 Page - Hynix Semiconductor

  HMS99C52 Datasheet HTML 1Page - Hynix Semiconductor HMS99C52 Datasheet HTML 2Page - Hynix Semiconductor HMS99C52 Datasheet HTML 3Page - Hynix Semiconductor HMS99C52 Datasheet HTML 4Page - Hynix Semiconductor HMS99C52 Datasheet HTML 5Page - Hynix Semiconductor HMS99C52 Datasheet HTML 6Page - Hynix Semiconductor HMS99C52 Datasheet HTML 7Page - Hynix Semiconductor HMS99C52 Datasheet HTML 8Page - Hynix Semiconductor HMS99C52 Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 43 page
background image
HMS99C5X Series
Jan. 2003 Ver 1.0
1
HMS99C52
• Fully compatible to standard MCS-51 microcontroller
• Wide operating frequency up to 40MHz
(for more detail, see “HMS99C5X Series Selection Guide”)
• X2 Speed Improvement capability ( X2 Mode : 6 clocks/machine cycle)
20MHz @5V (Equivalent to 40MHz @5V)
• 8K bytes FLASH ROM
• 256
× 8Bit RAM
• 64K external program memory space
• 64K external data memory space
• Four 8-bit ports
• Three 16-bit Timers / Counters (Timer2 with up/down counter feature)
•USART
• One clock output port
• Programmable ALE pin enable / disable (Low EMI)
• Six interrupt sources, two priority levels
• Power saving Idle and power down mode
• P-DIP-40, P-LCC-44, P-MQFP-44 package
• Temperature Ranges : -40
°C ~ 85°C
Block Diagram
RAM
256
× 8
PORT 0
PORT 1
PORT 3
PORT 2
8-BIT
USART
FLASH ROM
8K
× 8
CPU
T 0
T 1
I/O
I/O
I/O
I/O
T 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com