Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ICS954119 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS954119
Description  Programmable Timing Control Hub??for Next Gen P4??processor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS954119 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS954119 Datasheet HTML 1Page - Integrated Circuit Systems ICS954119 Datasheet HTML 2Page - Integrated Circuit Systems ICS954119 Datasheet HTML 3Page - Integrated Circuit Systems ICS954119 Datasheet HTML 4Page - Integrated Circuit Systems ICS954119 Datasheet HTML 5Page - Integrated Circuit Systems ICS954119 Datasheet HTML 6Page - Integrated Circuit Systems ICS954119 Datasheet HTML 7Page - Integrated Circuit Systems ICS954119 Datasheet HTML 8Page - Integrated Circuit Systems ICS954119 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2
Integrated
Circuit
Systems, Inc.
ICS954119
Advance Information
0875—05/24/04
Pin Description
PIN # PIN NAME
PIN
TYPE
DESCRIPTION
1
GND
PWR
Ground pin.
2
PCICLK3
OUT
PCI clock output.
3
PCICLK4
OUT
PCI clock output.
4
PCICLK5
OUT
PCI clock output.
5
GND
PWR
Ground pin.
6
VDDPCI
PWR
Power supply for PCI clocks, nominal 3.3V
7
PCICLK_F0
OUT
Free running PCI clock not affected by PCI_STOP# .
8
FSLA/PCICLK_F1
I/O
3.3V tolerant input for CPU frequency selection. Refer to input electrical
characteristics for Vil_FS and Vih_FS values. / 3.3V PCI free running clock
output.
9
FSLB/PCICLK_F2
I/O
3.3V tolerant input for CPU frequency selection. Refer to input electrical
characteristics for Vil_FS and Vih_FS values./ 3.3V PCI free running clock
output.
10
VDD48
PWR
Power pin for the 48MHz output.3.3V
11
**SEL24_48#/24_48MHz
I/O
Latched select input for 24/48MHz output / 24/48MHz clock output.
1=24MHz, 0 = 48MHz.
12
USB_48MHz
OUT
48.00MHz USB clock
13
GND
PWR
Ground pin.
14
DOTT_ 96MHz
OUT
True clock of differential pair for 96.00MHz DOT clock.
15
DOTC_96MHz
OUT
Complement clock of differential pair for 96.00MHz DOT clock.
16
Vtt_PwrGd#/PD
IN
Vtt_PwrGd# is an active low input used to determine when latched inputs
are ready to be sampled. PD is an asynchronous active high input pin
used to put the device into a low power state. The internal clocks, PLLs
and the crystal oscillator are stopped.
17
PCIEXT0
OUT
True clock of differential PCI_Express pair.
18
PCIEXC0
OUT
Complement clock of differential PCI_Express pair.
19
VDDPCIEX
PWR
Power supply for PCI Express clocks, nominal 3.3V
20
GND
PWR
Ground pin.
21
PCIEXT1
OUT
True clock of differential PCI_Express pair.
22
PCIEXC1
OUT
Complement clock of differential PCI_Express pair.
23
PCIEXT2
OUT
True clock of differential PCI_Express pair.
24
PCIEXC2
OUT
Complement clock of differential PCI_Express pair.
25
GND
PWR
Ground pin.
26
SRCCLKT
OUT
True clock of differential pair for S-ATA support.
+/- 300ppm accuracy required.
27
SRCCLKC
OUT
Complement clock of differential pair for S-ATA support.
+/- 300ppm accuracy required.
28
VDDSRC
PWR
Supply for SRC clocks, 3.3V nominal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com