Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

IRF7490 Datasheet(PDF) 1 Page - International Rectifier

Part # IRF7490
Description  HEXFET Power MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7490 Datasheet(HTML) 1 Page - International Rectifier

  IRF7490 Datasheet HTML 1Page - International Rectifier IRF7490 Datasheet HTML 2Page - International Rectifier IRF7490 Datasheet HTML 3Page - International Rectifier IRF7490 Datasheet HTML 4Page - International Rectifier IRF7490 Datasheet HTML 5Page - International Rectifier IRF7490 Datasheet HTML 6Page - International Rectifier IRF7490 Datasheet HTML 7Page - International Rectifier IRF7490 Datasheet HTML 8Page - International Rectifier IRF7490 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Symbol
Parameter
Max.
Units
VDS
Drain-Source Voltage
100
V
VGS
Gate-to-Source Voltage
± 20
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V
5.4
ID @ TA = 70°C
Continuous Drain Current, VGS @ 10V
4.3
A
IDM
Pulsed Drain Current

43
PD @TA = 25°C
Maximum Power Dissipation
2.5
W
PD @TA = 70°C
Maximum Power Dissipation
1.6
Linear Derating Factor
20
mW/°C
TJ
Operating Junction and
-55 to + 150
°C
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
www.irf.com
1
9/23/02
Symbol
Parameter
Typ.
Max.
Units
RθJL
Junction-to-Drain Lead
–––
20
RθJA
Junction-to-Ambient
„
–––
50
°C/W
Thermal Resistance
SO-8
Top View
8
1
2
3
4
5
6
7
D
D
D
D
G
S
A
S
S
A
IRF7490
HEXFET® Power MOSFET
Notes
 through „ are on page 9
PD - 94508
Absolute Maximum Ratings
VDSS
RDS(on) max
Qg
100V
39m
W@VGS=10V
37nC
l High frequency DC-DC converters
Benefits
Applications
l Low Gate-to-Drain Charge to Reduce
Switching Losses
l Fully Characterized Capacitance Including
Effective COSS to Simplify Design, (See
App. Note AN1001)
l Fully Characterized Avalanche Voltage
and Current


Similar Part No. - IRF7490

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7490PBF IRF-IRF7490PBF Datasheet
149Kb / 9P
HEXFET Power MOSFET
IRF7490PBF IRF-IRF7490PBF Datasheet
155Kb / 9P
High frequency DC-DC converters
IRF7490PBF IRF-IRF7490PBF_15 Datasheet
155Kb / 9P
High frequency DC-DC converters
logo
BYCHIP ELECTRONICS CO.,...
IRF7490TRPBF BYCHIP-IRF7490TRPBF Datasheet
1Mb / 5P
N-Channel Enhancement Mode Power MOSFET
v1.0
More results

Similar Description - IRF7490

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFB4321PBF IRF-IRFB4321PBF Datasheet
283Kb / 8P
HEXFET Power MOSFET
IRFBE30SPBF IRF-IRFBE30SPBF Datasheet
588Kb / 10P
HEXFET Power MOSFET
IRLZ24NS IRF-IRLZ24NS Datasheet
180Kb / 10P
HEXFET Power MOSFET
IRL3705NSPBF IRF-IRL3705NSPBF Datasheet
294Kb / 10P
HEXFET Power MOSFET
IRL3803VS IRF-IRL3803VS Datasheet
221Kb / 10P
HEXFET Power MOSFET
IRLI640GPBF IRF-IRLI640GPBF Datasheet
1Mb / 8P
HEXFET Power MOSFET
IRF630N IRF-IRF630N_04 Datasheet
240Kb / 11P
HEXFET Power MOSFET
IRFR3711ZCPBF IRF-IRFR3711ZCPBF Datasheet
293Kb / 11P
HEXFET Power MOSFET
IRLR8715CPBF IRF-IRLR8715CPBF Datasheet
274Kb / 9P
HEXFET Power MOSFET
IRFP044PBF IRF-IRFP044PBF Datasheet
1Mb / 8P
HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com