Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SP232ACT-L Datasheet(PDF) 10 Page - Exar Corporation

Part # SP232ACT-L
Description  Enhanced RS-232 Line Drivers/Receivers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP232ACT-L Datasheet(HTML) 10 Page - Exar Corporation

Back Button SP232ACT-L Datasheet HTML 3Page - Exar Corporation SP232ACT-L Datasheet HTML 4Page - Exar Corporation SP232ACT-L Datasheet HTML 5Page - Exar Corporation SP232ACT-L Datasheet HTML 6Page - Exar Corporation SP232ACT-L Datasheet HTML 7Page - Exar Corporation SP232ACT-L Datasheet HTML 8Page - Exar Corporation SP232ACT-L Datasheet HTML 9Page - Exar Corporation SP232ACT-L Datasheet HTML 10Page - Exar Corporation SP232ACT-L Datasheet HTML 11Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • (50)668-7000 • Fax (50)668-707 • www.exar.com
SP232A_00_05308
0
Notice
EXAR Corporation reserves the right to make changes to any products contained in this publication in order to improve design, performance or reliabil-
ity. EXAR Corporation assumes no representation that the circuits are free of patent infringement. Charts and schedules contained herein are only for
illustration purposes and may vary depending upon a user's specific application. While the information in this publication has been carefully checked;
no responsibility, however, is assumed for inaccuracies.
EXAR Corporation does not recommend the use of any of its products in life support applications where the failure or malfunction of the product can
reasonably be expected to cause failure of the life support system or to significantly affect its safety or effectiveness. Products are not authorized for
use in such applications unless EXAR Corporation receives, in writting, assurances to its satisfaction that: (a) the risk of injury or damage has been
minimized ; (b) the user assumes all such risks; (c) potential liability of EXAR Corporation is adequately protected under the circumstances.
Copyright 2008 EXAR Corporation
Datasheet May 2008
Send your Interface technical inquiry with technical details to: customersupport@exar.com
Reproduction, in part or whole, without the prior written consent of EXAR Corporation is prohibited.
ORDERING INFORMATION
Part number LEAD FREE Tape & Reel
Temperature range
Package Type
SP232ACN
-L
/TR
From 0 to +700C
6 pin nSOIC
SP232ACT
-L
/TR
From 0 to +700C
16 pin WSOIC
SP232ACP
-L
/TR
From 0 to +700C
6 pin PDIP
SP232AEN
-L
/TR
From -40 to +850C
6 pin nSOIC
SP232AET
-L
/TR
From -40 to +850C
16 pin WSOIC
SP232AEP
-L
/TR
From -40 to +850C
6 pin PDIP
All packages are available as lead free (RoHS compliant). To order add “-L” suffix to part number.
For Tape and Reel add “/TR”. Reel quantity is 2,500 for NSOIC.
Example: SP232ACN-L/TR = lead free and Tape and Reel. SP232ACN/TR = standard with Tape
and Reel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com