Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SP3243ECT-L Datasheet(PDF) 13 Page - Exar Corporation

Part # SP3243ECT-L
Description  3 Driver/5 Receiver Intelligent 3.0V to 5.5V RS-232 Transceivers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP3243ECT-L Datasheet(HTML) 13 Page - Exar Corporation

Back Button SP3243ECT-L Datasheet HTML 9Page - Exar Corporation SP3243ECT-L Datasheet HTML 10Page - Exar Corporation SP3243ECT-L Datasheet HTML 11Page - Exar Corporation SP3243ECT-L Datasheet HTML 12Page - Exar Corporation SP3243ECT-L Datasheet HTML 13Page - Exar Corporation SP3243ECT-L Datasheet HTML 14Page - Exar Corporation SP3243ECT-L Datasheet HTML 15Page - Exar Corporation SP3243ECT-L Datasheet HTML 16Page - Exar Corporation SP3243ECT-L Datasheet HTML 17Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 510-668-7017 • www.exar.com
SP3243E_102_060611
13
Figure 16. Charge Pump — Phase 2
VCC = +5V
VSS Storage Capacitor
VDD Storage Capacitor
C1
C2
C3
C4
+
+
+
+
–
–
–
–
-5.5V
VCC = +5V
–5V
–5V
+5V
VSS Storage Capacitor
VDD Storage Capacitor
C1
C2
C3
C4
+
+
+
+
–
–
–
–
Figure 15. Charge Pump — Phase 1
Figure 17. Charge Pump — Phase 3
VCC = +5V
–5V
–5V
+5V
VSS Storage Capacitor
VDD Storage Capacitor
C1
C2
C3
C4
+
+
+
+
–
–
–
–
Figure 18. Charge Pump — Phase 4
VCC = +5V
VSS Storage Capacitor
VDD Storage Capacitor
C1
C2
C3
C4
+
+
+
+
–
–
–
–
+5.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com