Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

FMS06N20 Datasheet(PDF) 2 Page - First Components International

Part # FMS06N20
Description  20V N-Channel Enhancement-Mode MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

FMS06N20 Datasheet(HTML) 2 Page - First Components International

  FMS06N20 Datasheet HTML 1Page - First Components International FMS06N20 Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ELECTRICAL CHARACTERISTICS
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Static
Drain-Source Breakdown Voltage
BVDSS
VGS = 0V, ID = 250uA
20
-
-
V
Drain-Source On-State Resistance
RDS(on)
VGS = 2.5V, ID = 5.2A
34
40
Drain-Source On-State Resistance
RDS(on)
VGS = 4.5V, ID = 6A
24
28
Gate Threshold Voltage
VGS(th)
VDS =VGS, ID = 250uA
0.6
V
Zero Gate Voltage Drain Current
IDSS
VDS = 20V, VGS = 0V
1
uA
Gate Body Leakage
IGSS
VGS = +12V, VDS = 0V
+ 100
nA
Gate Resistance
Rg
Forward Transconductance
gfs
VDS = 10V, ID = 6A
7
13
S
Dynamic
Total Gate Charge
Qg
4.86
Gate-Source Charge
Qgs
0.92
Gate-Drain Charge
Qgd
1.4
Turn-On Delay Time
td(on)
8.1
Turn-On Rise Time
tr
9.95
Turn-Off Delay Time
td(off)
21.85
Turn-Off Fall Time
tf
5.35
Input Capacitance
Ciss
562
Output Capacitance
Coss
106
Reverse Transfer Capacitance
Crss
75
Source-Drain Diode
Max. Diode Forward Current
IS
1.7
A
Diode Forward Voltage
VSD
IS = 1.7A, VGS = 0V
1.2
V
Note: Pulse test: pulse width <= 300us, duty cycle<= 2%
August '05 Rev 2
2
VDS = 8V, VGS = 0V
f = 1.0 MHz
pF
m
Ω
nC
VDD = 10V,
Ι
D = 1Α, VGEN = 4.5V
RG = 6Ω
ns
VDS = 10V, ID = 6A
VGS = 4.5V
FMS06N20
20V N-Channel Enhancement-Mode MOSFET



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com