Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MCT2 Datasheet(PDF) 3 Page - Texas Instruments

Part # MCT2
Description  OPTOCOUPLERS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MCT2 Datasheet(HTML) 3 Page - Texas Instruments

  MCT2 Datasheet HTML 1Page - Texas Instruments MCT2 Datasheet HTML 2Page - Texas Instruments MCT2 Datasheet HTML 3Page - Texas Instruments MCT2 Datasheet HTML 4Page - Texas Instruments MCT2 Datasheet HTML 5Page - Texas Instruments MCT2 Datasheet HTML 6Page - Texas Instruments MCT2 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MCT2, MCT2E
OPTOCOUPLERS
SOES023 – MARCH 1983 – REVISED OCTOBER 1995
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
TEST CIRCUIT A
PHOTOTRANSISTOR OPERATION
+
VCC = 10 V
Input
Output
(see Note B)
RL = 100 Ω
47
+
VCC = 10 V
Input
Output
(see Note B)
RL = 1 kΩ
47
tr
tf
90%
10%
90%
10%
Output
Input
0 V
TEST CIRCUIT B
PHOTODIODE OPERATION
VOLTAGE WAVEFORMS
NOTES: A. The input waveform is supplied by a generator with the following characteristics: ZO = 50 Ω, tr ≤ 15 ns, duty cycle  1%,
tw = 100 µs.
B. The output waveform is monitored on an oscilloscope with the following characteristics: tr ≤ 12 ns, Rin ≥ 1 MΩ, Cin ≤ 20 pF.
Figure 1. Switching Times



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com