Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ADCS9888 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADCS9888
Description  205/170/140 MSPS Video Analog Front End
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADCS9888 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button ADCS9888 Datasheet HTML 3Page - National Semiconductor (TI) ADCS9888 Datasheet HTML 4Page - National Semiconductor (TI) ADCS9888 Datasheet HTML 5Page - National Semiconductor (TI) ADCS9888 Datasheet HTML 6Page - National Semiconductor (TI) ADCS9888 Datasheet HTML 7Page - National Semiconductor (TI) ADCS9888 Datasheet HTML 8Page - National Semiconductor (TI) ADCS9888 Datasheet HTML 9Page - National Semiconductor (TI) ADCS9888 Datasheet HTML 10Page - National Semiconductor (TI) ADCS9888 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
Pin Descriptions (Continued)
Pin
Label
Type
Description
Power Supply
1, 6, 7, 10, 14, 18,
21, 25, 26, 34, 37
V
D
Power
Supply
Main power supply for analog and digital circuitry inside the IC. The data
outputs and PLL are powered from separate buses for additional noise
isolation.
56, 69, 79, 89, 98,
102, 112, 122
V
DD
Power
Supply
Power supply for digital data outputs. This voltage can be operated at
voltages below the Main Power Supply, down to 2.5V, to provide
convenient interfaces to lower voltage circuitry.
47, 48, 52
PV
D
Power
Supply
Phase Locked Loop Power Supply. This input should be well filtered,
isolated, and decoupled, to provide a very stable, low noise, voltage
source for the PLL and VCO circuitry in the ADCS9888.
3, 4, 11, 15, 19, 22,
27, 28, 35, 36, 40,
41, 46, 49, 51, 55,
65-68, 78, 88,
99-101, 111, 121,
128
GND
Ground
Ground Return. Ground return for all circuitry on the chip. For best
performance, the printed circuit board should be designed using a single
solid ground plane. Other ICs should be placed to minimize the effects of
noisy digital ground returns interfering with the ADCS9888 operation.
39, 39
NC
NC
To ensure compliance with designs using the AD9888, these pins are not
connected to the IC die. They may be physically connected to either V
D or
PV
D
with no effect on operation, performance, or reliability.
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com