Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

2SC3130 Datasheet(PDF) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Part # 2SC3130
Description  Silicon NPN transistor in a SOT-23 Plastic Package
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Direct Link  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

2SC3130 Datasheet(HTML) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  2SC3130 Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SC3130 Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SC3130 Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SC3130 Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SC3130 Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SC3130 Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2SC3130
Rev.F Apr.-2017
DATA SHEET
http://www.fsbrec.com
2 / 6
参数
Parameter
符号
Symbol
数值
Rating
单位
Unit
Collector to Base Voltage
VCBO
15
V
Collector to Emitter Voltage
VCEO
10
V
Emitter to Base Voltage
VEBO
3.0
V
Collector Current
IC
50
mA
Collector Power Dissipation
PC
150
mW
Junction Temperature
Tj
150
℃
Storage Temperature Range
Tstg
-55~150
℃
参数
Parameter
符号
Symbol
测试条件
Test Conditions
最小值
Min
典型值
Typ
最大值
Max
单位
Unit
Collector-emitter voltage
VCEO
IC=2.0mA
IB=0
10
V
Emitter-base voltage
VEBO
IC=10μA
IB=0
3.0
V
Collector Cut-Off Current
ICBO
VCB=10V
IE=0
1.0
μA
DC Current Gain
hFE
VCE=4.0V
Ic=5.0mA
75
220
hFE:VCE=4.0V Ic=100μA
0.75
1.60
hFE ratio
*△hFE
hFE:VCE=4.0V Ic=5.0mA
Collector to Emitter Saturation
Voltage
VCE(sat)
IC=20mA
IB=4.0mA
0.5
V
Transition Frequency
fT
VCE=4.0V
IC=-5.0mA
f=200MHz
1.4
1.9
2.5
GHz
Collector output capacitance
Cob
VCB=4.0V
IE=0,
f=1.0MHz
1.4
pF
Reverse transfer capacitance
(Common emitter)
Crb
VCB=4.0V
IE=0,
f=1.0MHz
0.45
pF
Collector-base parameter
rbb’Cc
VCB=4.0V
IC=5.0mA
f=31.9MHz
11
ps
*△hFE= hFE2/hFE1
极限参数 / Absolute Maximum Ratings(Ta=25℃)
电性能参数 / Electrical Characteristics(Ta=25℃)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com