Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

RT4801HWSC Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT4801HWSC
Description  Dual Output LCD Bias for Smartphones and Tablets
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT4801HWSC Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT4801HWSC Datasheet HTML 1Page - Richtek Technology Corporation RT4801HWSC Datasheet HTML 2Page - Richtek Technology Corporation RT4801HWSC Datasheet HTML 3Page - Richtek Technology Corporation RT4801HWSC Datasheet HTML 4Page - Richtek Technology Corporation RT4801HWSC Datasheet HTML 5Page - Richtek Technology Corporation RT4801HWSC Datasheet HTML 6Page - Richtek Technology Corporation RT4801HWSC Datasheet HTML 7Page - Richtek Technology Corporation RT4801HWSC Datasheet HTML 8Page - Richtek Technology Corporation RT4801HWSC Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
RT4801H
Copyright © 2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS4801H-00
May
2016
2
Pin Configurations
(TOP VIEW)
VIN
PGND
CF1
BST
VOP
LXP
VON
GND
BST
ENN
CF2
PGND
ENP
SCL
SDA
C1
C2
C3
D3
D1
E1
E2
E3
D2
A1
A2
A3
B3
B1
B2
WL-CSP-15B 1.31x2.07 (BSC)
Marking Information
49 : Product Code
W : Date Code
49W
Functional Pin Description
Pin No.
Pin Name
Pin Function
A1
ENN
Enable Control Input for VON.
A2
VON
Negative Terminal Output.
A3
CF2
Negative Charge Pump Flying Capacitor Pin.
B1
ENP
Enable Control Input for VOP.
B2
SCL
Clock of I2C.
B3, E1
PGND
Power Ground.
C1
VIN
Power Input.
C2
SDA
Data of I2C.
C3
CF1
Negative Charge Pump Flying Capacitor Pin.
D1
LXP
Switching Node of Boost Converter.
D2
GND
Ground. The exposed pad must be soldered to a large PCB and connected to
GND for maximum power dissipation.
D3, E2
BST
Output Voltage of Boost Converter.
E3
VOP
Positive Terminal Output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com