Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

EMIF06 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # EMIF06
Description  6 LINES EMI FILTER AND ESD PROTECTION
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

EMIF06 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  EMIF06 Datasheet HTML 1Page - List of Unclassifed Manufacturers EMIF06 Datasheet HTML 2Page - List of Unclassifed Manufacturers EMIF06 Datasheet HTML 3Page - List of Unclassifed Manufacturers EMIF06 Datasheet HTML 4Page - List of Unclassifed Manufacturers EMIF06 Datasheet HTML 5Page - List of Unclassifed Manufacturers EMIF06 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
EMIF06-10006F1
2/6
Symbol
Parameter and test conditions
Value
Unit
PR
DC power per resistance
0.1
W
PT
Total DC power per package
0.6
W
Tj
Maximum junction temperature
125
°C
Top
Operating temperature range
-40 to + 85
°C
Tstg
Storage temperature range
125
°C
ABSOLUTE RATINGS (limiting values)
Symbol
Parameter
VBR
Breakdown voltage
IRM
Leakage current @ VRM
VRM
Stand-off voltage
VCL
Clamping voltage
Rd
Dynamic impedance
IPP
Peak pulse current
RI/O
Series resistance between Input
and Output
Cline
Capacitance per line
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C)
I
V
IF
VF
IRM
IR
IPP
VRM
VBR
VCL
Symbol
Test conditions
Min.
Typ.
Max.
Unit
VBR
IR =1mA
5.5
7
9
V
IRM
VRM = 3.3 V per line
500
nA
RI/O
I=10mA
80
100
120
Ω
Cline
VR = 2.5 V, F = 1 MHz, 30 mV (on filter cells)
50
60
70
pF



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com