Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LM3520 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3520
Description  Integrated White LED Driver with Organic LED Display Power Supply
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3520 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LM3520 Datasheet HTML 3Page - National Semiconductor (TI) LM3520 Datasheet HTML 4Page - National Semiconductor (TI) LM3520 Datasheet HTML 5Page - National Semiconductor (TI) LM3520 Datasheet HTML 6Page - National Semiconductor (TI) LM3520 Datasheet HTML 7Page - National Semiconductor (TI) LM3520 Datasheet HTML 8Page - National Semiconductor (TI) LM3520 Datasheet HTML 9Page - National Semiconductor (TI) LM3520 Datasheet HTML 10Page - National Semiconductor (TI) LM3520 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Typical Performance Characteristics Typical Application circuit Figure 1, V
IN = 3.6V, L = 10µH, D =
CMMSHI-40, C
IN = 10µF, COUT =1µF,TA = 25˚C , Unless otherwise Stated.
Switching Quiescent Current vs. Vin
(Disconnected LEDs from VO_Main & Rsub1 from Vsub)
Close Loop
Non-Switching Quiescent Current vs. Vin
(Disconnected Rfb from LED & Rsub2 from Vsub)
Close Loop
20128809
20128810
Duty Cycle vs. Load Current (PWM at Main_EN)
V
IN = 3.6V
Oscillator Frequency vs. Vin
20128812
20128813
Vsub(18V) vs. Load
Vsub (15V) vs. Load
20128814
20128815
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com