Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STBV32 Datasheet(PDF) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Part # STBV32
Description  Silicon NPN transistor in a TO-92 Plastic Package.
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Direct Link  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

STBV32 Datasheet(HTML) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  STBV32 Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. STBV32 Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. STBV32 Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. STBV32 Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. STBV32 Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. STBV32 Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
STBV32
Rev.E Mar.-2016
DATA SHEET
http://www.fsbrec.com
2 / 6
参数
Parameter
符号
Symbol
数值
Rating
单位
Unit
Collector to Base Voltage
VCES
700
V
Collector to Emitter Voltage
VCEO
400
V
Emitter to Base Voltage
VEBO
9.0
V
Collector Current - Continuous
IC
1.5
A
Peak Collector Current - Continuous
ICM
3.0
A
Base Current - Continuous
IB
0.5
A
Peak Base Current - Continuous
IBM
1.5
A
Collector Power Dissipation
PC
1.0
W
Junction Temperature
Tj
150
℃
Storage Temperature Range
Tstg
-55~150
℃
参数
Parameter
符号
Symbol
测试条件
Test Conditions
最小值
Min
典型值
Typ
最大值
Max
单位
Unit
Collector to Base Breakdown
Voltage
VCES
IC=1mA
VBE=0
700
V
Collector to Emitter Breakdown
Voltage
VCEO
IC=10mA
IB=0
400
V
Emitter to Base Breakdown
Voltage
VEBO
IE=1mA
IC=0
9
V
Collector Cut-Off Current
ICEV
VCE=700V
VBE=-1.5V
0.1
mA
Collector cut-off current
ICEO
VCE=400V
IB=0
0.1
mA
Emitter Base Cut-Off Current
IEBO
VEB=9.0V
IC=0
0.1
mA
DC Current Gain
hFE(1)
VCE=2.0V
IC=0.5A
10
35
hFE(2)
VCE=2.0V
IC=1.0A
5
25
Collector to Emitter Saturation
Voltage
*VCE(sat)1 IC=500mA
IB=100mA
0.5
V
*VCE(sat)2 IC=1.0A
IB=250mA
1.0
V
*VCE(sat)3 IC=1.5A
IB=500mA
1.5
V
Base to Emitter Saturation Voltage *VBE(sat)1 IC=500mA
IB=100mA
1.0
V
Base to Emitter Saturation Voltage *VBE(sat)2 IC=1.0A
IB=250mA
1.2
V
Fall time
tf
VCE=5V
IC=0.25A
(UI9600)
0.6
μs
Storage time
tS
3.0
μs
Transition Frequency
fT
VCE=10V
IC=0.1A
f=1MHz
5
MHz
*脉冲测试:脉冲周期=300μS,占空比=1.5%   *Pulsed:Pulsed duration=300μs,duty cycle≤1.5%.
极限参数 / Absolute Maximum Ratings(Ta=25℃)
电性能参数 / Electrical Characteristics(Ta=25℃)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com