Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

FS1012 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # FS1012
Description  Gas and Liquid Flow Sensor Module
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

FS1012 Datasheet(HTML) 1 Page - Integrated Device Technology

  FS1012 Datasheet HTML 1Page - Integrated Device Technology FS1012 Datasheet HTML 2Page - Integrated Device Technology FS1012 Datasheet HTML 3Page - Integrated Device Technology FS1012 Datasheet HTML 4Page - Integrated Device Technology FS1012 Datasheet HTML 5Page - Integrated Device Technology FS1012 Datasheet HTML 6Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Gas and Liquid Flow Sensor Module
FS1012
Datasheet
© 2017 Integrated Device Technology, Inc.
1
July 20, 2017
Description
The FS1012 MEMS mass flow sensor module measures the flow
rate using the thermo-transfer (calorimetric) principle. The FS1012
is capable of measuring a gas or liquid medium.
The FS1012 offers key advantages over resistor-based flow
solutions. The sensor utilizes thermopile sensing, which provides
an excellent signal-to-noise ratio. The sensor comprises a “solid”
thermal isolation technology and silicon-carbide coating to protect
it from abrasive wear and provides robustness and long-term
reliability. In comparison, other sensors typically contain a fragile
membrane above an etched cavity for the thermal isolation base.
The FS1012 features the sensor fully assembled and wire-bonded
out to a 6-pin header.
Typical Applications
Process controls and monitoring
Oil and gas leak detection
HVAC and air control systems
CPAP and respiratory devices
Automotive mas air flow meter
Liquid dispensing system
Basic Application Circuits
Figure 1. Single-Ended Circuit Example
HTR1
HTR2
+
–
+
Microcontroller/ASIC
Input Offset Adjustment
Gain: 20X to 100x
Flow Sensor
GND
3V to 5V
TP1+
TP1–
SPI
ADC
I2C
PWM
OFFSET
–
Features
Gas or liquid mediums
Robust “solid” isolation technology
Resistant to surface contamination
No cavity to cause clogging
Resistant to vibration and pressure shock
Low power application
Sensitive at low flow rates and differential pressure levels
Fast response: 2ms
Millivolt output
Supply voltage: 3V to 5V
Module operating temperature range: 0°C to +85°C
FS1012 Flow Sensor Module
Figure 2. Differential Circuit Example
HTR1
HTR2
SPI
ADC
I2C
PWM
+
–
+
–
+
Microcontroller/ASIC
Differential Amp
Gain: 20X to 100x
–
Flow Sensor
GND
3V to 5V
TP1+
TP1–
TP2+
TP2–


Similar Part No. - FS1012

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FS1012 ETC1-FS1012 Datasheet
122Kb / 2P
FERRITE SHIELDED INDUCTORS
logo
ECM Electronics Limited...
FS1012 ECM-FS1012 Datasheet
73Kb / 3P
Shielded Radial Inductors
logo
Renesas Technology Corp
FS1012 RENESAS-FS1012 Datasheet
422Kb / 9P
Gas and Liquid Flow Sensor Module
FS1012-1001-LQ RENESAS-FS1012-1001-LQ Datasheet
422Kb / 9P
Gas and Liquid Flow Sensor Module
FS1012-1002-LQ RENESAS-FS1012-1002-LQ Datasheet
422Kb / 9P
Gas and Liquid Flow Sensor Module
More results

Similar Description - FS1012

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
FS1012 RENESAS-FS1012 Datasheet
422Kb / 9P
Gas and Liquid Flow Sensor Module
FS1023 RENESAS-FS1023 Datasheet
439Kb / 7P
Liquid Flow Sensor Module
FS1025 RENESAS-FS1025 Datasheet
715Kb / 6P
Liquid Flow Sensor Module
FS1027 RENESAS-FS1027 Datasheet
567Kb / 6P
Liquid Flow Sensor Module
FS1023-DG RENESAS-FS1023-DG Datasheet
534Kb / 11P
Gas Flow Sensor Module
FS1025-DG RENESAS-FS1025-DG Datasheet
544Kb / 11P
Gas Flow Sensor Module
FS1027-DG RENESAS-FS1027-DG Datasheet
532Kb / 11P
Gas Flow Sensor Module
FS1023-DL RENESAS-FS1023-DL Datasheet
481Kb / 12P
Liquid Flow Sensor Module
08/30/2022
FS1025-DL RENESAS-FS1025-DL Datasheet
499Kb / 12P
Liquid Flow Sensor Module
Jul 1, 2021
FS1027-DL RENESAS-FS1027-DL Datasheet
491Kb / 12P
Liquid Flow Sensor Module
Jul 1, 2021
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com