Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ASL54T8 Datasheet(PDF) 13 Page - Advanced Semiconductor Business Inc.

Part # ASL54T8
Description  High Gain, Low Noise Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASL54T8 Datasheet(HTML) 13 Page - Advanced Semiconductor Business Inc.

Back Button ASL54T8_17 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASL54T8_17 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. ASL54T8_17 Datasheet HTML 10Page - Advanced Semiconductor Business Inc. ASL54T8_17 Datasheet HTML 11Page - Advanced Semiconductor Business Inc. ASL54T8_17 Datasheet HTML 12Page - Advanced Semiconductor Business Inc. ASL54T8_17 Datasheet HTML 13Page - Advanced Semiconductor Business Inc. ASL54T8_17 Datasheet HTML 14Page - Advanced Semiconductor Business Inc. ASL54T8_17 Datasheet HTML 15Page - Advanced Semiconductor Business Inc. ASL54T8_17 Datasheet HTML 16Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13/16
ASB Inc.
 sales@asb.co.kr
January 2017
ASL54T8
5.2
Performance Table
Supply voltage = +5 V, TA = +25
C, ZO = 50 
Parameter
Typical
Unit
Frequency
900
1200
1500
1800
2000
MHz
Noise Figure
0.90
0.85
0.85
0.90
0.95
dB
Gain
18.0
17.0
15.7
14.4
13.4
dB
S11
-12.0
-18.0
-18.0
-18.0
-18.0
dB
S22
-12.0
-18.0
-17.0
-12.0
-10.0
dB
Output IP31)
30.0
31.0
32.0
32.0
32.0
dBm
Output P1dB
18.0
19.0
19.0
19.0
18.0
dBm
Current
45
mA
Device Voltage
+4.8
V
1) OIP3 is measured with two tones at the output power of +4 dBm/tone separated by 1 MHz.
5.3
Plot of S-parameter & Stability Factor
0
500
1000
1500
2000
2500
3000
3500
4000
Frequency (MHz)
-40
-30
-20
-10
0
10
20
30
0
1
2
3
4
5
6
7
S22
S12
S11
S21
K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com