Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SP335E Datasheet(PDF) 1 Page - Exar Corporation

Part # SP335E
Description  TRANSCEIVER WITH INTERNAL TERMINATION
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP335E Datasheet(HTML) 1 Page - Exar Corporation

  SP335E Datasheet HTML 1Page - Exar Corporation SP335E Datasheet HTML 2Page - Exar Corporation SP335E Datasheet HTML 3Page - Exar Corporation SP335E Datasheet HTML 4Page - Exar Corporation SP335E Datasheet HTML 5Page - Exar Corporation SP335E Datasheet HTML 6Page - Exar Corporation SP335E Datasheet HTML 7Page - Exar Corporation SP335E Datasheet HTML 8Page - Exar Corporation SP335E Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
1
SP335E
RS-232/RS-485/RS-422 TRANSCEIVER WITH INTERNAL TERMINATION
August 2017
Rev. 1.0.2
GENERAL DESCRIPTION
The SP335 is an advanced multiprotocol transceiver
supporting RS-232, RS-485, and RS-422 serial
standards. Integrated cable termination and multiple
configuration modes allow all three protocols to be
used interchangeably over a single cable or
connector with no additional switching components.
Full operation requires only four external charge
pump capacitors.
The RS-485/RS-232 mode pin selects RS-485 mode
when high, and RS-232 mode when low. In RS-485
mode, the TERM pin enables the differential 120
termination, and the HALF/FULL pin configures the
transceiver as either half or full duplex.
The high speed drivers operate up to 20Mbps in RS-
485/422 modes, and up to 1Mbps in RS-232 mode.
All drivers can be slew limited to 250kbps in any
mode to minimize electromagnetic interference (EMI)
by setting the dedicated SLEW pin low.
All transmitter outputs and receiver inputs feature
robust electrostatic discharge (ESD) protection to
±15kV IEC 61000-4-2 Airgap, ±15kV Human Body
Model (HBM) and ±8kV IEC 61000-4-2 Contact. Each
receiver output has full fail-safe protection to avoid
system lockup, oscillation, or indeterminate states by
defaulting to logic-high output level when the inputs
are open, shorted, or terminated but undriven. No
external biasing resistors are required.
The RS-232 receiver inputs include a 5k
 pull-down
to ground when in RS-232 mode. The RS-485/422
receiver inputs are high impedance (>96k
 when
termination is disabled), allowing up to 256 devices
on a single communication bus (1/8th unit load).
The SP335 operates from a single power supply,
either 3.3V or 5V, with low idle current. The shutdown
mode consumes less than 1µA in low power standby
operation with RS-232 receivers enabled.
FEATURES
Pin-Selectable Cable Termination
No External Resistors Required for RS-485/422
Termination or Biasing
Robust ESD Protection:
±15kV IEC 61000-4-2 Air Gap Discharge
± 8kV IEC 61000-4-2 Contact Discharge
±15kV Human Body Model (HBM)
20Mbps RS-485 and 1Mbps RS-232 Data Rates
Pin-Selectable 250kbps Slew Limiting
Single Supply Operation from 3V to 5.5V
1.65V to 5.5V Logic Interface V
L pin
2 Drivers, 2 Receivers RS-232/V.28
1 Driver, 1 Receiver RS-485/422
Full or Half Duplex Configuration
1/8th Unit Load, up to 256 receivers on bus
RS-485/422 Enhanced Receiver Fail-safe for open,
shorted, or terminated but idle inputs
10nA Shutdown Supply Current (typical)
Small 32 QFN package (5mm x 5mm)
TYPICAL APPLICATIONS
Software Programmable Serial Ports
(RS-232, RS-422, RS-485)
Industrial and Single Board Computers
Industrial and Process Control Equipment
Point-Of-Sale Equipment
HVAC Controls and Networking Equipment
Building Security and Automation
ORDERING INFORMATION(1)
PART NUMBER
OPERATING TEMPERATURE RANGE
LEAD-FREE
PACKAGE
PACKAGE METHOD
SP335EER1-L
-40°C to +85°C
Yes(2)
32-pin QFN
Tray
SP335EER1-L/TR
Reel
SP335ECR1-L
0°C to +70°C
Tray
SP335ECR1-L/TR
Reel
SP335EER1-0A-EB
SP335E Evaluation Board
NOTES:
1.
Refer to www.exar.com/SP335E for most up-to-date Ordering Information
2.
Visit www.exar.com for additional information on Environmental Rating


Similar Part No. - SP335E

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP335E EXAR-SP335E Datasheet
356Kb / 22P
RS-232/RS-485/RS-422 TRANSCEIVER
SP335ECR1-L EXAR-SP335ECR1-L Datasheet
356Kb / 22P
RS-232/RS-485/RS-422 TRANSCEIVER
SP335ECR1L EXAR-SP335ECR1L Datasheet
158Kb / 1P
Halogen?릃ree Green
SP335EER1-L EXAR-SP335EER1-L Datasheet
356Kb / 22P
RS-232/RS-485/RS-422 TRANSCEIVER
More results

Similar Description - SP335E

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1546 LINER-LTC1546 Datasheet
265Kb / 20P
Software-Selectable Multiprotocol Transceiver with Termination
logo
Exar Corporation
SP339E EXAR-SP339E Datasheet
1Mb / 21P
RS-232/RS-485/RS-422 TRANSCEIVER WITH INTERNAL TERMINATION
logo
Micrel Semiconductor
SY58038U MICREL-SY58038U_11 Datasheet
275Kb / 13P
ULTRA PRECISION 8:1 MUX WITH INTERNAL TERMINATION
logo
Exar Corporation
SP339EER1-L EXAR-SP339EER1-L Datasheet
268Kb / 23P
RS-232/RS-485/RS-422 TRANSCEIVER WITH INTERNAL TERMINATION
logo
Linear Technology
LTC1546 LINER-LTC1546_15 Datasheet
288Kb / 20P
Software-Selectable Multiprotocol Transceiver with Termination
logo
Exar Corporation
SP339B EXAR-SP339B Datasheet
719Kb / 23P
TRANSCEIVER WITH INTERNAL TERMINATION
SP338EER1-0A EXAR-SP338EER1-0A Datasheet
1Mb / 25P
RS-232/RS-485/RS-422 TRANSCEIVER WITH INTERNAL TERMINATION
SP339EER1-0A EXAR-SP339EER1-0A Datasheet
268Kb / 23P
RS-232/RS-485/RS-422 TRANSCEIVER WITH INTERNAL TERMINATION
XR34350ILEVB EXAR-XR34350ILEVB Datasheet
404Kb / 20P
RS-232/485/422 Serial Transceiver with Internal Termination and Wide Output Swing
logo
Renesas Technology Corp
IDT8S89873I RENESAS-IDT8S89873I Datasheet
569Kb / 16P
Differential-to-LVDS Buffer/Divider with Internal Termination
November 29, 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com