Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN104 Datasheet(PDF) 4 Page - SMSC Corporation

Part # AN104
Description  AN104
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

AN104 Datasheet(HTML) 4 Page - SMSC Corporation

  AN104 Datasheet HTML 1Page - SMSC Corporation AN104 Datasheet HTML 2Page - SMSC Corporation AN104 Datasheet HTML 3Page - SMSC Corporation AN104 Datasheet HTML 4Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Using the USB20H04 with an On-The-Go Host
SMSC AN 10.4
Page 4
Rev. 04-07-03
APPLICATION NOTE
Protocol Definition
The SRP pulsing protocol works by using two signaling methods: Data-Line Pulsing, and VBUS Pulsing.
Before attempting either of these two methods, the USB20H04 must determine that the following two initial
conditions have been met:
VBUS < 800mV
DP/DM lines on OTG Host idle (SE0) for 2ms
Once the initial conditions have been satisfied, both pulsing methods will be tried by the hub. First, the data-line
pulsing will be issued, if there is no response, the VBUS pulsing method will be issued. The A-device is only
required to support one method, while the B-device is required to support both methods.
Data Line Pulsing: USB20H04 turns on its data line pull-up resistor (either DP or DM) for a period of 5 ms
to 10 ms. If the OTG-Host is designed to support the data-line pulsing method of SRP, it will detect that a
data line (either DP or DM) has gone high and generate an indication that SRP has been detected. This
indication will be the assertion of VBUS, followed by the initiation of a standard USB reset.
VBUS Pulsing: USB20H04 will drive VBUS long enough to cause the capacitance on VBUS to be charged to
2.1V when connected to an OTG Host. Because the maximum allowed capacitance on a dual-role OTG
device is 6.5uF, the line will be driven to at least 2.1V. This pulse will wake up the sleeping OTG Host.
However, if the USB20H04 is connected to a standard host, the capacitance will be greater than 96uF;
therefore the line will never exceed 2.0V and will not be detected by standard host. This technique has
been designed to avoid damage to a standard USB host.
After the OTG Host detects one of the above pulsing methods, it will reset the entire USB tree, and will re-
enumerate each device.
After completion of enumeration, the downstream device will be capable of
communicating through Hub, to the Host.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com