Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

WF1000OF Datasheet(PDF) 4 Page - Red Lion Controls. Inc

Part # WF1000OF
Description  MODEL ZCG - SINGLE CHANNEL OUTPUT ROTARY PULSE GENERATOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

WF1000OF Datasheet(HTML) 4 Page - Red Lion Controls. Inc

  WF1000OF Datasheet HTML 1Page - Red Lion Controls. Inc WF1000OF Datasheet HTML 2Page - Red Lion Controls. Inc WF1000OF Datasheet HTML 3Page - Red Lion Controls. Inc WF1000OF Datasheet HTML 4Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
LIMITED WARRANTY
The Company warrants the products it manufactures against defects in materials and workmanship
for a period limited to two years from the date of shipment, provided the products have been stored,
handled, installed, and used under proper conditions. The Company’s liability under this limited
warranty shall extend only to the repair or replacement of a defective product, at The Company’s
option. The Company disclaims all liability for any affirmation, promise or representation with
respect to the products.
The customer agrees to hold Red Lion Controls harmless from, defend, and indemnify RLC against
damages, claims, and expenses arising out of subsequent sales of RLC products or products
containing components manufactured by RLC and based upon personal injuries, deaths, property
damage, lost profits, and other matters which Buyer, its employees, or sub-contractors are or may be
to any extent liable, including without limitation penalties imposed by the Consumer Product Safety
Act (P.L. 92-573) and liability imposed upon any person pursuant to the Magnuson-Moss Warranty
Act (P.L. 93-637), as now in effect or as amended hereafter.
No warranties expressed or implied are created with respect to The Company’s products except those
expressly contained herein. The Customer acknowledges the disclaimers and limitations contained
herein and relies on no other warranties or affirmations.
The Length Sensor Hinge Clamp Assembly provides an easy method for
attachment and mounting of the Length Sensors and LSCB1 Conversion
Bracket. The removable top on the solid zinc LSAHC mounting block
allows quick installation of the Length Sensor handle tube and provides
secure clamping retention. The mounting block pivots freely in zinc right
angle brackets to allow mounting the assembly via clearance holes for 1/4"
dia. bolts.
The lock washers must be used as indicated (between the bolt head and
the top clamp piece). Assemble the top clamp piece as follows.
1. Tighten both bolts so that the top clamp half draws down evenly on
the sensor tube.
2. Tighten the bolts until both lock washers are flat.
3. Then turn each bolt an additional ½ to ¾ turn.
ORDERING INFORMATION
.88
(22.4)
2.9
(73.7)
3.4
(86.4)
2.5 (63.5)
1.25
(31.8)
.25 (6.3)
Lock washers (2) must be
installed between bolt heads
and top clamp piece.
E-clip retaining ring (2)
must be installed in slots.
5.70 (144.8)
4.50 (114.3)
(50.8)
(38.1)
0.75
0.75 (19.0)
4X Ø 0.31 (7.9)
2.00
1.50
(19.0)
SINGLE WHEEL
2.93 (74.4)
DUAL WHEEL 4 (101.6)
(21.6)
.85
.88 (22.4)
WHEEL
RADIUS
1.9
(48.3)
6.9
(175.3)
FRONT
VIEW
TOP
VIEW
DIMENSIONS In inches (mm)
CAUTION: Downward tension
on signal cable can cause
wheel(s) to lift. Make sure
cable is clamped to
machine frame near
encoder and allow slack.
NOTE: The weight at the
Length Sensor unit
provides sufficient traction
for accurate operation
when mounted as shown,
with arm angle from
horizontal not exceeding
±30°, and with hinge clamp
toward the far extreme of
the extension arm.
Length Sensors should be mounted so measuring
wheel(s) contact ribbon, strip or web as it passes over
a roller. As an alternative, wheel(s) can be driven by
roller surface next to material being measured.
MODEL NO.
DESCRIPTION
PART NUMBER
LSAHC
LSAHC001
Length Sensor Hinge Clamp Assembly
MODEL LSAHC - LENGTH SENSOR HINGE CLAMP ASSEMBLY
Model ZGG Shown
Model ZFG Shown
Red Lion Controls
Headquarters
20 Willow Springs Circle
York PA 17406
Tel +1 (717) 767-6511
Fax +1 (717) 764-0839
Red Lion Controls
China
Unit 101, XinAn Plaza
Building 13, No.99 Tianzhou Road
ShangHai, P.R. China 200223
Tel +86 21 6113-3688
Fax +86 21 6113-3683
Red Lion Controls
Europe
Printerweg 10
NL - 3821 AD Amersfoort
Tel +31 (0) 334 723 225
Fax +31 (0) 334 893 793
Red Lion Controls
India
54, Vishvas Tenement
GST Road, New Ranip,
Ahmedabad-382480 Gujarat, India
Tel +91 987 954 0503
Fax +91 79 275 31 350



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com