| Electronic Components Datasheet Search |
|
WM8150 Datasheet(PDF) 15 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8150 Datasheet(HTML) 15 Page - Wolfson Microelectronics plc |
|
15 / 24 page ![]() Production Data WM8150 w PD Rev 3.0 November 2002 15 PROGRAMMABLE VSMP DETECT CIRCUIT The VSMP input is used to determine the sampling point and frequency of the WM8150. Under normal operation a pulse of 1 MCLK period should be applied to VSMP at the desired sampling frequency (as shown in the Operating Mode Timing Diagrams) and the input sample will be taken on the first rising MCLK edge after VSMP has gone low. However, in certain applications such a signal may not be readily available. The programmable VSMP detect circuit in the WM8150 allows the sampling point to be derived from any signal of the correct frequency, such as a CCD shift register clock, when applied to the VSMP pin. When enabled, by setting the VSMPDET control bit, the circuit detects either a rising or falling edge (determined by POSNNEG control bit) on the VSMP input pin and generates an internal VSMP pulse. This pulse can optionally be delayed by a number of MCLK periods, specified by the VDEL[2:0] bits. Figure 14 shows the internal VSMP pulses that can be generated by this circuit for a typical clock input signal. The internal VSMP pulse is then applied to the timing control block in place of the normal VSMP pulse provided from the input pin. The sampling point then occurs on the first rising MCLK edge after this internal VSMP pulse, as shown in the Operating Mode Timing Diagrams. MCLK VSMP (VDEL= 000) INTVSMP POSNNEG = 1 (VDEL= 001) INTVSMP (VDEL= 010) INTVSMP (VDEL= 011) INTVSMP (VDEL= 100) INTVSMP (VDEL= 101) INTVSMP (VDEL= 110) INTVSMP (VDEL= 111) INTVSMP POSNNEG = 0 (VDEL= 000) INTVSMP (VDEL= 001) INTVSMP (VDEL= 010) INTVSMP (VDEL= 011) INTVSMP (VDEL= 100) INTVSMP (VDEL= 101) INTVSMP (VDEL= 110) INTVSMP (VDEL= 111) INTVSMP INPUT PINS V S V S V S V S V S V S V S V S V S V S V S V S V S V S V S V S V S V S V S V S V S V S V S V S V S V S V S V S V S V S V S V S V S V S V S V S V S V S V S V S V S V S V S V S V S V S V S V S Figure 14 Internal VSMP Pulses Generated by Programmable VSMP Detect Circuit |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |