Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BAT54DW Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # BAT54DW
Description  0.2A, 30V Surface Mount Schottky Barrier Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

BAT54DW Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  BAT54DW Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH BAT54DW Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BAT54DW
0.2A, 30V
Surface Mount Schottky Barrier Diode
Elektronische Bauelemente
20-May-2016 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Low forward voltage drop
Fast switching
PN junction guard ring for transient and ESD protection
MARKING
PACKAGE INFORMATION
Package
MPQ
Leader Size
SOT-363
3K
7 inch
ABSOLUTE MAXIMUM RATINGS (T
A=25°C unless otherwise specified)
Parameter
Symbol
Rating
Unit
Repetitive Peak Reverse Voltage
VRRM
30
V
Peak Working Reverse Voltage
VRWM
30
V
DC Blocking Voltage
VR
30
V
Continuous Forward Current
IF
200
mA
Repetitive Peak Forward Current@ tp<8.3ms, D<2%
IFRM
300
mA
Non-repetitive Peak Forward Current@ t=8.3ms
IFSM
600
mA
Power Dissipation
PD
200
mW
Thermal Resistance from Junction to Ambient
R
θJA
500
°C/W
Junction and Storage temperature
TJ, TSTG
125, -55~150
°C
ELECTRICAL CHARACTERISTICS (T
A=25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Condition
Reverse Breakdown Voltage
V(BR)
30
-
-
V
IR=100µA
Forward Voltage
VF
-
-
0.32
V
IF=1mA
-
-
0.4
IF=10mA
-
-
0.5
IF=30mA
-
-
1
IF=100mA
Reverse Current
IR
-
-
2
µA
VR=25V
Total Capacitance
CT
-
10
-
pF
VR=0, f=1MHz
Reverse Recovery Time
TRR
-
-
5
ns
IF=IR=10mA, IRR=0.1×IR, RL=100
SOT-363
KLD
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
1.80
2.20
G
0.100 REF.
B
1.80
2.45
H
0.525 REF.
C
1.15
1.35
J
0.08
0.25
D
0.80
1.10
K
E
1.10
1.50
L
0.650 TYP.
F
0.10
0.35
B
L
F
H
C
J
D G
K
A
E


Similar Part No. - BAT54DW

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAT54DW DIODES-BAT54DW Datasheet
83Kb / 4P
Sub-miniature Schottky Diodes & Arrays in
BAT54DW DIODES-BAT54DW Datasheet
44Kb / 2P
DUAL SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30107 Rev. 3 - 2
BAT54DW DIODES-BAT54DW Datasheet
364Kb / 3P
DUAL SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30107 Rev. 8 - 2
BAT54DW DIODES-BAT54DW Datasheet
122Kb / 3P
DUAL SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30107 Rev. 11 - 2
logo
Pan Jit International I...
BAT54DW PANJIT-BAT54DW Datasheet
100Kb / 3P
SURFACE MOUNT SCHOTTKY DIODE ARRAYS
More results

Similar Description - BAT54DW

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G401SD GTM-G401SD Datasheet
198Kb / 2P
SURFACE MOUNT, SCHOTTKY BARRIER DIODE VOLTAGE 40V, CURRENT 0.2A
GBAS40 GTM-GBAS40 Datasheet
216Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE VOLTAGE 40V,CURRENT 0.2A
logo
Sanyo Semicon Device
SBH0203R SANYO-SBH0203R Datasheet
48Kb / 4P
Schottky Barrier Diode 30V, 0.2A Rectifier
SBM0203R SANYO-SBM0203R Datasheet
48Kb / 4P
Schottky Barrier Diode 30V, 0.2A Rectifier
logo
Diodes Incorporated
BAT54LPS DIODES-BAT54LPS Datasheet
103Kb / 3P
0.2A SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30810 Rev. 2 - 2
logo
SeCoS Halbleitertechnol...
BAT54X SECOS-BAT54X_12 Datasheet
231Kb / 2P
0.2A , 30V Surface Mount Schottky Barrier Diode
SCS230D SECOS-SCS230D Datasheet
103Kb / 2P
0.2A , 30V Surface Mount Schottky Barrier Rectifiers
logo
Diodes Incorporated
BAT54LPS DIODES-BAT54LPS_15 Datasheet
238Kb / 5P
0.2A SURFACE MOUNT SCHOTTKY BARRIER DIODE
February 2013
logo
Cystech Electonics Corp...
BAT54C2 CYSTEKEC-BAT54C2 Datasheet
327Kb / 6P
0.2A surface mount Schottky diode
logo
Diodes Incorporated
BAT54LPS DIODES-BAT54LPS_17 Datasheet
311Kb / 5P
0.2A SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev 6
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com