Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SCS160WS Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SCS160WS
Description  1 A, 60 V Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SCS160WS Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SCS160WS Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SCS160WS Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SCS160WS
1 A, 60 V
Schottky Barrier Rectifiers
Elektronische Bauelemente
01-Mar-2016 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
Cathode Band
G
E
A
J
F
D
H
C
B
1
2
SM
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Guard ring protection
Low forward voltage drop
For the use in low voltage, high frequency inverters
High surge current capability
MARKING CODE
PACKAGE INFORMATION
Package
MPQ
Leader Size
SOD-323
3K
7 inch
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Rating 25°C ambient temperature unless otherwise s pecified. Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, de-rate current by 20%.)
Parameter
Symbol
Rating
Unit
Maximum Recurrent Peak Reverse Voltage
VRRM
60
V
Maximum RMS Voltage
VRMS
42
V
Maximum DC Blocking Voltage
VR
60
V
Continuous Forward Current
IF
1
A
Non-Repetitive Peak Forward Surge Current@ t=8.3 ms
IFSM
10
A
Maximum Instantaneous Forward Voltage@ IF=1A
VF
0.7
V
Maximum DC Reverse Current at Rated DC
Blocking Voltage@ VR=60V
IR
0.1
mA
Total Power Dissipation
PD
250
mW
Total Capacitance@ VR=4V, f=1MHz
CJ
120
pF
Typical Thermal Resistance from Junction to Ambient
R
θJA
400
°C/W
Junction and Storage Temperature Range
TJ, TSTG
125, -55~150
°C
SOD-323
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
1.05 REF.
F
1.15
1.45
B
0.20 REF.
G
1.6
1.8
C
0.80
1.00
H
2.55
2.75
D
0.25
0.40
J
0.475 REF
E
0.080
0.180


Similar Part No. - SCS160WS

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SCS160WS-C SECOS-SCS160WS-C Datasheet
193Kb / 2P
Schottky Barrier Rectifiers
More results

Similar Description - SCS160WS

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SCS160V SECOS-SCS160V Datasheet
185Kb / 2P
1.0 A, 60 V Schottky Barrier Rectifiers
SCS0560P SECOS-SCS0560P Datasheet
271Kb / 2P
0.5 A, 60 V Schottky Barrier Rectifiers
SCS0560V SECOS-SCS0560V Datasheet
267Kb / 2P
0.5 A, 60 V Schottky Barrier Rectifiers
SCS1100P SECOS-SCS1100P Datasheet
270Kb / 2P
1 A, 100 V Schottky Barrier Rectifiers
SCS1100V SECOS-SCS1100V Datasheet
269Kb / 2P
1 A, 100 V Schottky Barrier Rectifiers
SM160PT SECOS-SM160PT Datasheet
197Kb / 2P
60 V 1 Amp Surface Mount Schottky Barrier Rectifiers
SM140V SECOS-SM140V Datasheet
48Kb / 2P
1 A, 40 V Schottky Barrier Rectifiers
logo
Nexperia B.V. All right...
PMEG6010ER-Q NEXPERIA-PMEG6010ER-Q Datasheet
264Kb / 13P
60 V, 1 A low VF Schottky barrier rectifier
16 November 2022
PMEG60T10ELXD-Q NEXPERIA-PMEG60T10ELXD-Q Datasheet
253Kb / 13P
60 V, 1 A Trench Schottky barrier rectifier
1 April 2022
PMEG60T10ELXD NEXPERIA-PMEG60T10ELXD Datasheet
253Kb / 13P
60 V, 1 A Trench Schottky barrier rectifier
1 April 2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com