Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

QG201JD Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # QG201JD
Description  Voltage 50 ~ 1000 V 2.0Amp Surface Mount Silicon Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

QG201JD Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  QG201JD Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH QG201JD Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
QG201JD ~ QG207JD
Voltage 50 ~ 1000 V
2.0Amp Surface Mount Silicon Rectifiers
30-Jul-2015 Rev. C
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
For surface mounted applications
Low profile package
Glass Passivated Chip Junction
Ideal for automated placement
Lead free in comply with EU RoHS 2011/65/EU directives
MECHANICAL DATA
Case: SOD-123JD
Terminals: Solderable per MIL-STD-750, Method 2026
Approx. Weight:15mg 0.0053oz
MARKING
Part Number
Marking Code
Part Number
Marking Code
QG201JD
2A1
QG205JD
2A5
QG202JD
2A2
QG206JD
2A6
QG203JD
2A3
QG207JD
2A7
QG204JD
2A4
PACKAGE INFORMATION
Package
MPQ
Leader Size
SOD-123JD
3K
7’ inch
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Rating 25°C ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, de-rate current by 20%.)
Part Number
Parameter
Symbol
QG
201JD
QG
202JD
QG
203JD
QG
204JD
QG
205JD
QG
206JD
QG
207JD
Unit
Maximum Repetitive Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified
Current @ TA=65°C
IF(AV)
2
A
Peak Forward Surge Current, 8.3ms single
half sine-wave superimposed on rated load
IFSM
50
A
Maximum Instantaneous Forward Voltage
@ IF=2A
VF
1.1
V
TA=25°C
5
Maximum DC Reverse Current
at Rated DC Blocking Voltage
TA=125°C
IR
50
μA
Typical Junction Capacitance
1
CJ
30
pF
Typical Thermal Resistance
2
RθJL
20
°C/W
Typical Thermal Resistance
2
RθJC
40
°C/W
Operating and Storage Temperature Range
TJ,TSTG
-55~ 150
°C
Notes:
1. Measured at 1 MHz and applied reverse voltage of 4 V D.C.
2. P.C.B. mounted with 0.2 X 0.2" (5 X 5 mm) copper pad areas.
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
2.6
2.9
E
0.1
0.2
B
1.7
1.9
F
0.8
1.1
C
0.9
1.1
G
0.7
0.9
D
3.5
3.8
SOD-123JD
E
F
B
C
D
A
G


Similar Part No. - QG201JD

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
QG201A SECOS-QG201A Datasheet
188Kb / 2P
VOLTAGE 50V ~ 1000V 2.0AMP Surface Mount Silicon Rectifiers
QG201AM SECOS-QG201AM Datasheet
164Kb / 2P
Voltage 50 ~ 1000 V 2.0Amp Surface Mount Silicon Rectifiers
QG201A SECOS-QG201A_15 Datasheet
193Kb / 2P
2.0 Amp Surface Mount Silicon Rectifiers
QG201B SECOS-QG201B Datasheet
137Kb / 2P
VOLTAGE 50V ~ 1000V 2.0Amp Surface Mount Silicon Rectifiers
QG201B SECOS-QG201B_15 Datasheet
191Kb / 2P
2.0 Amp Surface Mount Silicon Rectifiers
More results

Similar Description - QG201JD

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
QG201A SECOS-QG201A Datasheet
188Kb / 2P
VOLTAGE 50V ~ 1000V 2.0AMP Surface Mount Silicon Rectifiers
QG201B SECOS-QG201B Datasheet
137Kb / 2P
VOLTAGE 50V ~ 1000V 2.0Amp Surface Mount Silicon Rectifiers
1N4001 SECOS-1N4001_09 Datasheet
52Kb / 2P
VOLTAGE 50 ~ 1000 V 1.0 A, Silicon Rectifiers
SM4001A SECOS-SM4001A_12 Datasheet
207Kb / 2P
Voltage 50 ~ 1000 V 1.0Amp Surface Mount Silicon Rectifiers
DF2005S SECOS-DF2005S Datasheet
227Kb / 2P
Voltage 50 V ~ 1000 V2.0 Amp Surface Mount Bridge Rectifiers
QG201AM SECOS-QG201AM Datasheet
164Kb / 2P
Voltage 50 ~ 1000 V 2.0Amp Surface Mount Silicon Rectifiers
QG301AM SECOS-QG301AM Datasheet
164Kb / 2P
Voltage 50 ~ 1000 V 3.0Amp Surface Mount Silicon Rectifiers
QG801C SECOS-QG801C Datasheet
271Kb / 2P
50 V ~ 1000 V 8.0 Amp Surface Mount Silicon General Purpose Rectifiers
SM4001AM SECOS-SM4001AM Datasheet
160Kb / 2P
Voltage 50 ~ 1000 V 1.0Amp Surface Mount Silicon Rectifiers
SM4001JD SECOS-SM4001JD Datasheet
164Kb / 2P
Voltage 50 ~ 1000 V 1.0Amp Surface Mount Silicon Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com