Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AO331 Datasheet(PDF) 2 Page - ams AG

Part # AO331
Description  AND / OR circuit providing the logical function Q
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AO331 Datasheet(HTML) 2 Page - ams AG

  AO331 Datasheet HTML 1Page - ams AG AO331 Datasheet HTML 2Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Characteristics
Symbol
SL = 0.1
SL = 2.0
L = 0.1
L = 0.7
L = 1.0
L = 0.1
L = 0.7
L = 1.0
Delay G to Q
tpdgr
0.69
2.11
2.76
0.98
2.39
3.03
tpdgf
0.80
1.95
2.52
1.07
2.22
2.76
Output Slope A to Q
op_slar
1.10
5.38
7.53
1.03
5.32
7.55
op_slaf
0.83
3.70
5.10
0.83
3.65
5.06
Output Slope B to Q
op_slbr
1.11
5.35
7.58
1.05
5.37
7.53
op_slbf
0.81
3.71
5.28
0.82
3.76
5.37
Output Slope C to Q
op_slcr
1.08
5.40
7.55
1.05
5.33
7.53
op_slcf
0.77
3.67
5.22
0.80
3.65
5.23
Output Slope D to Q
op_sldr
1.05
5.31
7.48
0.97
5.27
7.51
op_sldf
0.82
3.72
5.30
0.82
3.86
5.36
Output Slope E to Q
op_sler
1.05
5.31
7.55
0.98
5.30
7.51
op_slef
0.81
3.73
5.07
0.82
3.80
5.35
Output Slope F to Q
op_slfr
1.02
5.30
7.50
0.98
5.28
7.51
op_slff
0.77
3.82
5.37
0.80
3.80
5.12
Output Slope G to Q
op_slgr
1.05
5.35
7.55
1.05
5.31
7.52
op_slgf
0.82
3.83
5.33
0.85
3.81
5.18
Sept. 1996
- 72 -
Rev. N/C
Austria Mikro S ysteme International
R
0.6 µm CMOS
CUB
AO331



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com